Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4916 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA4916
Description  7 Watt Ka-Band HPA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4916 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA4916_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4916_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4916_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4916_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4916_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4916_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA4916_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA4916_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA4916_15 Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TGA4916
Mechanical Drawing
14
11
2
5
10
1
6
12
7
3
4
13
8
9
10
Sept 2010 © Rev C
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
Units: millimeters
Thickness: 0.05
Die x,y size tolerance: +/- 0.050
Chip edge to bond pad dimensions are shown to center of pad
Ground is backside of die
Bond Pad #1
RF Input
0.125 x 0.20
Bond Pad #8
Vd_2_top_B
0.225 x 0.115
Bond Pad #2
Vd_1_top
0.187 x 0.10
Bond Pad #9
Vd_2_bot_A
0.225 x 0.115
Bond Pad #3
Vg_1,2,3_top
0.10 x 0.10
Bond Pad #10
Vd_3_bot_A
0.225 x 0.115
Bond Pad #4
Vd_2_top_A
0.225 x 0.125
Bond Pad #11
Vd_3_bot_B
0.225 x 0.125
Bond Pad #5
Vd_3_top_A
0.225 x 0.125
Bond Pad #12
Vd_2_bot_B
0.225 x 0.125
Bond Pad #6
RF Output
0.125 x 0.20
Bond Pad #13
Vg_1,2,3_bot
0.10 x 0.10
Bond Pad #7
Vd_3_top_B
0.225 x 0.115
Bond Pad #14
Vd_1_bot
0.187 x 0.10


Similar Part No. - TGA4916_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4915-CP TRIQUINT-TGA4915-CP Datasheet
221Kb / 9P
   7 W Ka Band Packaged Power Amplifier
TGA4915-CP TRIQUINT-TGA4915-CP_15 Datasheet
221Kb / 9P
   7 W Ka Band Packaged Power Amplifier
TGA4915-EPU-CP TRIQUINT-TGA4915-EPU-CP Datasheet
137Kb / 8P
   7 W Ka Band Packaged Power Amplifier
More results

Similar Description - TGA4916_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4505 TRIQUINT-TGA4505_15 Datasheet
461Kb / 10P
   4 Watt Ka Band HPA
TGA4505 TRIQUINT-TGA4505 Datasheet
236Kb / 9P
   4 Watt Ka Band HPA
TGA4906 TRIQUINT-TGA4906_15 Datasheet
217Kb / 13P
   4 Watt Ka-Band HPA
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
logo
Analog Devices
HMC7054 AD-HMC7054 Datasheet
283Kb / 8P
   Ka-Band HPA
logo
TriQuint Semiconductor
TGA4501-SCC TRIQUINT-TGA4501-SCC Datasheet
218Kb / 11P
   24-31 GHz Ka Band HPA
TGA1193-EPU TRIQUINT-TGA1193-EPU Datasheet
362Kb / 5P
   27- 32 GHz Ka Band HPA
TGA4501-EPU TRIQUINT-TGA4501-EPU Datasheet
1Mb / 9P
   28-31 GHz Ka Band HPA
logo
Analog Devices
HMC7056A AD-HMC7056A Datasheet
986Kb / 8P
   Ka-Band Block Upconverter With HPA
logo
United Monolithic Semic...
CHZ050A-SEA UMS-CHZ050A-SEA_15 Datasheet
696Kb / 12P
   50W C Band HPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com