Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4915-CP Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA4915-CP
Description  7 W Ka Band Packaged Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4915-CP Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA4915-CP Datasheet HTML 1Page - TriQuint Semiconductor TGA4915-CP Datasheet HTML 2Page - TriQuint Semiconductor TGA4915-CP Datasheet HTML 3Page - TriQuint Semiconductor TGA4915-CP Datasheet HTML 4Page - TriQuint Semiconductor TGA4915-CP Datasheet HTML 5Page - TriQuint Semiconductor TGA4915-CP Datasheet HTML 6Page - TriQuint Semiconductor TGA4915-CP Datasheet HTML 7Page - TriQuint Semiconductor TGA4915-CP Datasheet HTML 8Page - TriQuint Semiconductor TGA4915-CP Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
TriQuint Semiconductor: www.triquint.com (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com
Apr 2009 © Rev A
TGA4915-CP
TABLE III
THERMAL INFORMATION
Parameter
Test Conditions
TCH
(
°C)
θJC
(
°C/W)
Tm
(hours)
θJC Thermal Resistance
(Channel to Backside of
Package)
VD = 6 V
ID = 4.2 A
PDISS = 25.2 W
128
2.3
7.4 E+6
θJC Thermal Resistance
(Channel to Backside of
Package)
Vd = 8 V
Id = 7.1 A @ Psat
Pdiss = 50 W
Pout = 7 W (RF)
200
2.3
2.3 E+4
. Note: Carrier at 85 °C baseplate temperature. Worst case is at saturated output power
when DC power consumption rises to 57 W with 7 W RF power delivered to the load. Power
dissipated is 50 W and the temperature rise in the channel is 115 °C.
Median Lifetime (Tm) vs. Channel Temperature
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
1.E+13
25
50
75
100
125
150
175
200
Channel Temperature ( C)
FET3
°


Similar Part No. - TGA4915-CP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4915-EPU-CP TRIQUINT-TGA4915-EPU-CP Datasheet
137Kb / 8P
   7 W Ka Band Packaged Power Amplifier
More results

Similar Description - TGA4915-CP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4915-EPU-CP TRIQUINT-TGA4915-EPU-CP Datasheet
137Kb / 8P
   7 W Ka Band Packaged Power Amplifier
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
   4 Watt Ka Band Packaged Amplifier
logo
M/A-COM Technology Solu...
MAAP-015016 MA-COM-MAAP-015016 Datasheet
1Mb / 10P
   Ka-Band 4 W Power Amplifier
MAAP-015016 MA-COM-MAAP-015016_15 Datasheet
867Kb / 11P
   Ka-Band 4 W Power Amplifier
logo
TriQuint Semiconductor
TGA4902-SM TRIQUINT-TGA4902-SM_15 Datasheet
399Kb / 10P
   Ka Band Packaged MPA
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
171Kb / 9P
   Ka-Band Packaged MPA
TGA4525-SM TRIQUINT-TGA4525-SM Datasheet
935Kb / 12P
   K-Band Packaged Power Amplifier
TGA4509-SM TRIQUINT-TGA4509-SM Datasheet
128Kb / 9P
   Ka-Band Packaged 1W PA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com