Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4906 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA4906
Description  4 Watt Ka-Band HPA
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4906 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA4906_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA4906_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4906_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4906_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4906_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4906_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4906_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4906_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4906_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TGA4906
TGA4906
TGA4906
TGA4906
Primary Applications
Product Description
Key Features
Measured Performance
4 Watt Ka-Band HPA
Bias conditions: Vd = 6 V, Idq = 1.6 A, Vg = -0.75 V Typical
Frequency Range: 28 - 31 GHz
36 dBm Nominal Psat
Gain: 24 dB
Return Loss: -8 dB
Bias: Vd = 6 V, Idq = 1.6 A, Vg = -0.75 V Typical
Technology: 3MI 0.15 um Power pHEMT
Chip Dimensions: 2.98 x 2.90 x 0.05 mm
Ka-Band VSAT
36
37
38
1
Sept 2010 © Rev B
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Datasheet subject to change without notice.
Product Description
The TriQuint TGA4906 is a compact 4 Watt High
Power Amplifier for Ka-band applications. The part
is designed using TriQuint’s proven standard 0.15
um gate Power pHEMT production process. The
TGA4906 provides a nominal 36 dBm of output
power at an input power level of 14 dBm with a
small signal gain of 24 dB.
The part is ideally suited for low cost emerging
markets such as base station transmitters for
satellite ground terminals and point to point radio.
30
31
32
33
34
35
36
28
28.5
29
29.5
30
30.5
31
Frequency (GHz)
Psat
P1dB
0
3
6
9
12
15
18
21
24
27
30
28
28.5
29
29.5
30
30.5
31
Frequency (GHz)
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Gain
IRL
ORL


Similar Part No. - TGA4906_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
948Kb / 18P
   4 Watt Ka-Band Power Amplifier
TGA4906-SM TRIQUINT-TGA4906-SM_15 Datasheet
948Kb / 18P
   4 Watt Ka-Band Power Amplifier
More results

Similar Description - TGA4906_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4505 TRIQUINT-TGA4505_15 Datasheet
461Kb / 10P
   4 Watt Ka Band HPA
TGA4505 TRIQUINT-TGA4505 Datasheet
236Kb / 9P
   4 Watt Ka Band HPA
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
TGA4916 TRIQUINT-TGA4916_15 Datasheet
268Kb / 12P
   7 Watt Ka-Band HPA
logo
Analog Devices
HMC7054 AD-HMC7054 Datasheet
283Kb / 8P
   Ka-Band HPA
logo
TriQuint Semiconductor
TGA4501-SCC TRIQUINT-TGA4501-SCC Datasheet
218Kb / 11P
   24-31 GHz Ka Band HPA
TGA1193-EPU TRIQUINT-TGA1193-EPU Datasheet
362Kb / 5P
   27- 32 GHz Ka Band HPA
TGA4501-EPU TRIQUINT-TGA4501-EPU Datasheet
1Mb / 9P
   28-31 GHz Ka Band HPA
logo
Analog Devices
HMC7056A AD-HMC7056A Datasheet
986Kb / 8P
   Ka-Band Block Upconverter With HPA
logo
TriQuint Semiconductor
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com