Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UI3004 Datasheet(PDF) 1 Page - Unitpower Technology Limited

Part # UI3004
Description  N-Ch 30V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UI3004 Datasheet(HTML) 1 Page - Unitpower Technology Limited

  UI3004 Datasheet HTML 1Page - Unitpower Technology Limited UI3004 Datasheet HTML 2Page - Unitpower Technology Limited UI3004 Datasheet HTML 3Page - Unitpower Technology Limited UI3004 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
UI3004
N-Ch 30V Fast Switching MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
1
55
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
1
40
A
ID@TA=25℃
Continuous Drain Current, VGS @ 10V
1
13.6
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V
1
11.4
A
IDM
Pulsed Drain Current
2
110
A
EAS
Single Pulse Avalanche Energy
3
130
mJ
IAS
Avalanche Current
34
A
PD@TC=25℃
Total Power Dissipation
4
41
W
PD@TA=25℃
Total Power Dissipation
4
2.42
W
TSTG
Storage Temperature Range
-55 to 175
TJ
Operating Junction Temperature Range
-55 to 175
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient (Steady State)
1
---
62
/W
RθJC
Thermal Resistance Junction-Case
1
---
3.6
/W
ID
30V
8.5mΩ
55A
The UI3004 is the highest performance trench
N-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the synchronous buck converter
applications .
The UI3004 meet the RoHS and Green Product
requirement , 100% EAS guaranteed with full
function reliability approved.
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
TO251 Pin Configuration
Product Summery
BVDSS
RDS(ON)


Similar Part No. - UI3004

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
UI3004 DGNJDZ-UI3004 Datasheet
437Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
More results

Similar Description - UI3004

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD3006 XINDEYI-UD3006 Datasheet
686Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
UD3010 XINDEYI-UD3010 Datasheet
716Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD3004 UNITPOWER-UD3004 Datasheet
709Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
UD3008 UNITPOWER-UD3008 Datasheet
727Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3016M6 UPI-QM3016M6 Datasheet
184Kb / 4P
   N-ch 30V Fast Switching MOSFETs
QM3024M3 UPI-QM3024M3 Datasheet
210Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
QM3052M6 UPI-QM3052M6 Datasheet
228Kb / 5P
   N-Ch 30V Fast Switching MOSFETs
QM3010D UPI-QM3010D Datasheet
236Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN3502 PACELEADER-PKN3502 Datasheet
1Mb / 5P
   N-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3014M3 UPI-QM3014M3 Datasheet
222Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
KODENSHI_AUK CORP.
SNN3530NL KODENSHI-SNN3530NL Datasheet
511Kb / 8P
   N-ch 30V Fast Switching MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com