Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLS-3528UY2C Datasheet(PDF) 7 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-3528UY2C
Description  SMD led lamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-3528UY2C Datasheet(HTML) 7 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-3528UY2C_15 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528UY2C_15 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528UY2C_15 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528UY2C_15 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528UY2C_15 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528UY2C_15 Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528UY2C_15 Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528UY2C_15 Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Model. No.
Rev.
Precautions for use:
Page: 7/8
To prevent moisture absorption into SMD LEDs during the transportation and storage , the LEDs are packed
SMD LEDs must be used within 24 hours. If the LEDs are not within 24 hours after removal from the bag ,
After the bag is opened, the SMD LEDs must be stored at <30
and < 60% RH. Under these conditions,
in a moisture-barrier bag. Desiccants and a humidity indicator are packed together with the LEDs as
The shelf life of LEDs stored in the original sealed bag at <40
and < 90% RH is 12 months. Baking is
A
FYLS-3528UY2C
frequently during the baking process.
2. Soldering
(1) Manual soldering with a soldering Iron
secondary protection
Model No.
FYLS-3528UY2C
Http://www.foryard.com
Before opening the packaging , check for air leaks in the bag.
baking is required Take the material out of the packaging bag before baking. Do not open the oven door
Use a soldering iron of less than 25 watts is recommended . The iron temperature must be kept below 315
Handling of an SMD LED should be done only when the package has been cooled down to below 40
And soldering time no more than 2 seconds.
The epoxy resin of an SMD LED should not contact the tip of the soldering iron.
No mechanical stress should be exerted on the resin portion of an SMD LED during soldering.
1. Storage
(2)Reflow soldering
Temperature profile
required if the shelf life has expired
Peak temperature
Temperature
Pre-heat
Soak
Reflow
Cooling
Time
Melting-point


Similar Part No. - FYLS-3528UY2C_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3528UY2C FORYARD-FYLS-3528UY2C Datasheet
488Kb / 8P
   Suitable for all SMT assembly and soldering method
More results

Similar Description - FYLS-3528UY2C_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3020URC FORYARD-FYLS-3020URC Datasheet
525Kb / 8P
   SMD led lamp
FYLS-3528BUBC FORYARD-FYLS-3528BUBC_15 Datasheet
526Kb / 8P
   SMD led lamp
FYLS-1204RGBC FORYARD-FYLS-1204RGBC Datasheet
504Kb / 8P
   SMD led lamp
FYLS-1204SRC FORYARD-FYLS-1204SRC Datasheet
843Kb / 8P
   SMD led lamp
FYLS-3528UW2C FORYARD-FYLS-3528UW2C_15 Datasheet
493Kb / 8P
   SMD led lamp
FYLS-3528UWC FORYARD-FYLS-3528UWC_15 Datasheet
506Kb / 8P
   SMD led lamp
FYLS-0603ASRC-Z2 FORYARD-FYLS-0603ASRC-Z2 Datasheet
483Kb / 8P
   SMD led lamp
FYLS-0603BUBC-Z1 FORYARD-FYLS-0603BUBC-Z1 Datasheet
500Kb / 8P
   SMD led lamp
logo
BetLux Electronics
BL-LS0402HC BETLUX-BL-LS0402HC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS1204EGC BETLUX-BL-LS1204EGC Datasheet
120Kb / 4P
   SMD LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com