Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UD6015 Datasheet(PDF) 3 Page - Unitpower Technology Limited

Part # UD6015
Description  P-Ch 60V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UD6015 Datasheet(HTML) 3 Page - Unitpower Technology Limited

  UD6015 Datasheet HTML 1Page - Unitpower Technology Limited UD6015 Datasheet HTML 2Page - Unitpower Technology Limited UD6015 Datasheet HTML 3Page - Unitpower Technology Limited UD6015 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
P-Ch 60V Fast Switching MOSFETs
0
2
4
6
8
10
12
00.25
0.5
0.75
1
-VDS Drain-to-Source Voltage (V)
VGS=-10V
VGS=-7V
VGS=-5V
VGS=-4.5V
VGS=-3V
20
22
24
26
28
30
24
68
10
-VGS (V)
ID=-12A
0
2
4
6
8
10
12
0.2
0.4
0.6
0.8
1
-VSD , Source-to-Drain Voltage (V)
TJ=150℃
TJ=25℃
0
2
4
6
8
10
020
40
60
QG , Total Gate Charge (nC)
VDS=-20V
ID=-12A
0
0.5
1
1.5
-50
0
50
100
150
TJ ,Junction Temperature ( ℃)
0.5
1.0
1.5
2.0
-50
0
50
100
150
TJ , Junction Temperature (℃)
Typical Characteristics
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance v.s Gate-Source
Fig.3 Forward Characteristics Of Reverse
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) v.s TJ
Fig.6 Normalized RDSON v.s TJ
UD6015


Similar Part No. - UD6015

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD6015 XINDEYI-UD6015 Datasheet
725Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
More results

Similar Description - UD6015

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
QM6015D UPI-QM6015D Datasheet
247Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
UD6015 XINDEYI-UD6015 Datasheet
725Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
UM6007 XINDEYI-UM6007 Datasheet
753Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
UB6015 XINDEYI-UB6015 Datasheet
708Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKL6107 FETEK-FKL6107 Datasheet
518Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
Ver : A
FKS6107 FETEK-FKS6107 Datasheet
580Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
Ver : A
logo
ShenZhen XinDeYi Electr...
UD6007 XINDEYI-UD6007 Datasheet
741Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD6007 UNITPOWER-UD6007 Datasheet
741Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
uPI Group Inc.
QM6007K UPI-QM6007K Datasheet
237Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKD6115 FETEK-FKD6115 Datasheet
498Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com