Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDW8 Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # HDW8
Description  For high frequency LVDS output clock oscillators .
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

HDW8 Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  HDW8 Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Outline Dimensions ( Unit : mm )
-119
-120
Phase Noise ( typical ) [ 156.250 MHz ]
Offset
10 Hz 100 Hz
1K Hz 10 KHz
-115
-125
-140
BC
For example :
" I20 " ± 20 ppm over -40°C to +85°C
EF
Frequency Stability
(1) Codes
Frequency Stability over
0.9 V ( RL = 100 Ω )
typical
1.1 V ( RL = 100 Ω )
± 25 ppm ± 50 ppm ± 100 ppm
Industrial ( -40°C to +85°C )
D
Aging
± 3 ppm per year (max.)
desired stability after the " C " or " I "
Commercial ( -10°C to +70°C )
A
" C20 " ±20 ppm over -10°C to +70°C ;
Mercury www .mercury-crystal.com
Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
Output Logic High " 1 "
typical
1.43 V ( RL = 100 Ω )
max.
1.60 V ( RL = 100 Ω )
Output Logic Low " 0 "
100KHz 1 MHz 10 MHz
dBc / Hz
-60
-90
If non-standard , please enter the
Operating Temperature Range
96.1 ~ 800.0 MHz
25 mA ( max. )
65 mA ( max. )
100 mA ( max. )
- 50°C to 100°C
Start - Up Time (Ts)
10 m sec.( typical )
Storage Temperature
Integrated Phase Noise ( 12 KHz to 20 MHz )
2.6 ps ( typical ) ; 4.0 ps ( max.)
Rise Time ( Tr ) / Fall Time ( Tf )
0.6n sec.( typical ) ; 1.5 n sec. ( max.)
Output Voltage Swing
350 mV min. ( VDD = +2.5V )
Duty Cycle
50% ± 10% [ 50% ± 5% is also available ]
Load
50 Ω into Vcc - 2V or Thevenin equivalent
Current Consumption ( 15 pF load )
< 24.0 MHz
24.1 ~ 96.0 MHz
min.
Paramenters
Electrical Spec.
Input Voltage ( VDD)
3.3 V ± 5 %
Frequency Range / Load
750 KHz ~ 800,0 MHz
General Specifications
Output Wave Form
LVDS output
Applications
For high frequency LVDS output clock oscillators .
" HDW " use a high-Q fundamental crystal and a multiplier circuit for low cost applications.
Oscillators Series [ Differential LVDS ]
HDW8 series
3.3 V
Dip type LVDS output
12.8 x 12.8 x 5.5 mm


Similar Part No. - HDW8

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
HDW8 EUROQUARTZ-HDW8 Datasheet
101Kb / 1P
   8 pin Dual-in-Line
HDW8 EUROQUARTZ-HDW8 Datasheet
101Kb / 1P
   HDW14 LVDS OSCILLATORS
More results

Similar Description - HDW8

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HDF14 MERCURY-HDF14 Datasheet
105Kb / 1P
   For high frequency LVDS output clock oscillators
HDF8 MERCURY-HDF8 Datasheet
102Kb / 1P
   For high frequency LVDS output clock oscillators .
logo
Pletronics, Inc.
LV7745DEX PLETRONICS-LV7745DEX Datasheet
149Kb / 8P
   LVDS Clock Oscillators
LV7745DEW PLETRONICS-LV7745DEW Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV1145BEV PLETRONICS-LV1145BEV Datasheet
129Kb / 8P
   LVDS Clock Oscillators
LV7845DEV PLETRONICS-LV7845DEV Datasheet
161Kb / 8P
   LVDS Clock Oscillators
LV7645DEV PLETRONICS-LV7645DEV Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7745DEV PLETRONICS-LV7745DEV Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV9345DEV PLETRONICS-LV9345DEV Datasheet
116Kb / 8P
   LVDS Clock Oscillators
LV5545DEW PLETRONICS-LV5545DEW Datasheet
110Kb / 8P
   LVDS Clock Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com