Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UD4301 Datasheet(PDF) 3 Page - Unitpower Technology Limited

Part # UD4301
Description  N-Ch and P-Ch Fast Switching MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UD4301 Datasheet(HTML) 3 Page - Unitpower Technology Limited

  UD4301 Datasheet HTML 1Page - Unitpower Technology Limited UD4301 Datasheet HTML 2Page - Unitpower Technology Limited UD4301 Datasheet HTML 3Page - Unitpower Technology Limited UD4301 Datasheet HTML 4Page - Unitpower Technology Limited UD4301 Datasheet HTML 5Page - Unitpower Technology Limited UD4301 Datasheet HTML 6Page - Unitpower Technology Limited UD4301 Datasheet HTML 7Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
N-Ch and P-Ch Fast Switching MOSFETs
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-40
---
---
V
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=-1mA
---
-0.015
---
V/℃
VGS=-10V , ID=-8A
---
52
65
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-4.5V , ID=-4A
---
80
100
m
Ω
VGS(th)
Gate Threshold Voltage
-1.0
-1.6
-2.5
V
VGS(th)
VGS(th) Temperature Coefficient
VGS=VDS , ID =-250uA
---
3.52
---
V/℃
VDS=-32V , VGS=0V , TJ=25℃
---
---
1
IDSS
Drain-Source Leakage Current
VDS=-32V , VGS=0V , TJ=55℃
---
---
5
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=-10V , ID=-10A
---
6
---
S
Qg
Total Gate Charge (-4.5V)
---
5.8
---
Qgs
Gate-Source Charge
---
1.18
---
Qgd
Gate-Drain Charge
VDS=-20V , VGS=-4.5V , ID=-8A
---
2.12
---
nC
Td(on)
Turn-On Delay Time
---
13.2
---
Tr
Rise Time
---
8
---
Td(off)
Turn-Off Delay Time
---
40.4
---
Tf
Fall Time
VDD=-12V , VGS=-10V , RG=3.3Ω,
ID=-1A
---
3.5
---
ns
Ciss
Input Capacitance
---
620
---
Coss
Output Capacitance
---
69
---
Crss
Reverse Transfer Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
52
---
pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
EAS
Single Pulse Avalanche Energy
5
VDD=-25V , L=0.1mH , IAS=-10A
9.4
---
---
mJ
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
---
---
-16
A
ISM
Pulsed Source Current
2,6
VG=VD=0V , Force Current
---
---
-32
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=-1A , TJ=25℃
---
---
-1.2
V
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=-25V,VGS=-10V,L=0.1mH,IAS=-20.5A
4.The power dissipation is limited by 150℃ junction temperature
5.The Min. value is 100% EAS tested guarantee.
6.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
P-Channel Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Guaranteed Avalanche Characteristics
Diode Characteristics
UD4301


Similar Part No. - UD4301

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UD4302 UNITPOWER-UD4302 Datasheet
1Mb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
UD4305 UNITPOWER-UD4305 Datasheet
1Mb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
UD4306 UNITPOWER-UD4306 Datasheet
1Mb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
More results

Similar Description - UD4301

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM4302 UNITPOWER-UM4302 Datasheet
1,017Kb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBB0903 FETEK-FKBB0903 Datasheet
700Kb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
FKBA4903 FETEK-FKBA4903 Datasheet
450Kb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
FKD3903 FETEK-FKD3903 Datasheet
594Kb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
FKS3903 FETEK-FKS3903 Datasheet
607Kb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
logo
Unitpower Technology Li...
UM3301 UNITPOWER-UM3301 Datasheet
1Mb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
UM3302 UNITPOWER-UM3302 Datasheet
1Mb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
UM3801 UNITPOWER-UM3801 Datasheet
1Mb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA0903 FETEK-FKBA0903 Datasheet
727Kb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
Ver : B
FKBE3903 FETEK-FKBE3903 Datasheet
793Kb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com