Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N280005BK Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N280005BK
Description  SFP plus 10Gbase-CU Passive Twinax Copper Cable, Black, 1.5M (5-ft)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N280005BK Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N280005BK Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N280005BK Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT
Cable Length (ft.)
5
Cable Length (m)
1.5
PHYSICAL
Color
Black
CONNECTIONS
Connector A
SFP+ (MALE)
Connector B
SFP+ (MALE)
CERTIFICATIONS
Certifications
RoHS compliant
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
CISCO CATALYST 3550
CISCO NEXUS 5010
ARISTA 70505-64
QUANTA T3048
EXTREME X250E
JUNIPER EX3200
NOT COMPATIBLE TO 3RD PARTY
CABLES: HP and BROCADE
Package Includes
1.5 m. (5 ft.) 30Awg SFP+ High
Speed Passive Copper 10Gbps
Cable
2 / 2


Similar Part No. - N280005BK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N280008BK TRIPPLITE-N280008BK Datasheet
485Kb / 2P
   SFP plus 10Gbase-CU Passive Twinax Copper Cable,Black, 2.5M (8-ft)
More results

Similar Description - N280005BK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N28003MBK TRIPPLITE-N28003MBK Datasheet
485Kb / 2P
   SFP plus 10Gbase-CU Passive Twinax Copper Cable,Black, 3M (10-ft)
N28006MBK TRIPPLITE-N28006MBK Datasheet
485Kb / 2P
   SFP plus 10Gbase-CU Passive Twinax Copper Cable,Black, 6M (20-ft.)
N280-005-BK TRIPPLITE-N280-005-BK Datasheet
156Kb / 3P
   SFP 10Gbase-CU Passive Twinax Copper Cable, SFP-H10GB-CU1-5M Compatible, Black, 1.5M (5-ft.)
N28002MBK TRIPPLITE-N28002MBK Datasheet
485Kb / 2P
   SFP plus 10Gbase-CU Passive Twinax Copper Cable,Black, 2M (6-ft)
N280008BK TRIPPLITE-N280008BK Datasheet
485Kb / 2P
   SFP plus 10Gbase-CU Passive Twinax Copper Cable,Black, 2.5M (8-ft)
N28007MBK TRIPPLITE-N28007MBK Datasheet
485Kb / 2P
   SFP plus 10Gbase-CU Passive Twinax Copper Cable,Black, 7M (23-ft)
N28005MBK TRIPPLITE-N28005MBK Datasheet
485Kb / 2P
   SFP plus 10Gbase-CU Passive Twinax Copper Cable,Black, 5M (16-ft)
N28003MGN TRIPPLITE-N28003MGN Datasheet
484Kb / 2P
   SFP plus 10Gbase-CU Passive Twinax Copper Cable,Green, 3M (10-ft)
N28001MGN TRIPPLITE-N28001MGN Datasheet
484Kb / 2P
   SFP plus 10Gbase-CU Passive Twinax Copper Cable,Green, 1M (3-ft)
N28005MGN TRIPPLITE-N28005MGN Datasheet
484Kb / 2P
   SFP plus 10Gbase-CU Passive Twinax Copper Cable,Green, 5M (16-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com