Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UD4013 Datasheet(PDF) 4 Page - Unitpower Technology Limited

Part # UD4013
Description  P-Ch 40V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UD4013 Datasheet(HTML) 4 Page - Unitpower Technology Limited

  UD4013 Datasheet HTML 1Page - Unitpower Technology Limited UD4013 Datasheet HTML 2Page - Unitpower Technology Limited UD4013 Datasheet HTML 3Page - Unitpower Technology Limited UD4013 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
P-Ch 40V Fast Switching MOSFETs
10
100
1000
10000
1
5
9
13
17
21
25
-VDS Drain to Source Voltage(V)
F=1.0MHz
Ciss
Coss
Crss
0.01
0.10
1.00
10.00
100.00
0.1
1
10
100
-VDS (V)
Tc=25
oC
Single Pulse
100ms
100us
1ms
10ms
DC
`
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
D = TON/T
TJpeak = TC + PDM x RθJC
TON
T
0.02
0.01
0.05
0.1
0.3
DUTY=0.5
SINGLE PULSE
Fig.8 Safe Operating Area
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Unclamped Inductive Waveform
UD4013


Similar Part No. - UD4013

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD4013 XINDEYI-UD4013 Datasheet
827Kb / 4P
   P-Ch 40V Fast Switching MOSFETs
More results

Similar Description - UD4013

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKS4101 FETEK-FKS4101 Datasheet
578Kb / 4P
   P-Ch 40V Fast Switching MOSFETs
Ver : A
FKBA4113 FETEK-FKBA4113 Datasheet
358Kb / 4P
   P-Ch 40V Fast Switching MOSFETs
Ver : A
logo
ShenZhen XinDeYi Electr...
UD4003 XINDEYI-UD4003 Datasheet
710Kb / 4P
   P-Ch 40V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM4001 UNITPOWER-UM4001 Datasheet
779Kb / 4P
   P-Ch 40V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA4115 FETEK-FKBA4115 Datasheet
647Kb / 4P
   P-Ch 40V Fast Switching MOSFETs
Ver : A
FKF4115 FETEK-FKF4115 Datasheet
431Kb / 4P
   P-Ch 40V Fast Switching MOSFETs
Ver : B
FKS4113 FETEK-FKS4113 Datasheet
502Kb / 4P
   P-Ch 40V Fast Switching MOSFETs
Ver : A
FKS4115 FETEK-FKS4115 Datasheet
579Kb / 4P
   P-Ch 40V Fast Switching MOSFETs
Ver : A
logo
Unitpower Technology Li...
UM4003 UNITPOWER-UM4003 Datasheet
756Kb / 4P
   P-Ch 40V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN4101 PACELEADER-PKN4101 Datasheet
1Mb / 5P
   P-Ch 40V Fast Switching MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com