Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1038 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1038
Description  This user manual describes the STarGrid powerline modem
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1038 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1038 Datasheet HTML 5Page - STMicroelectronics UM1038 Datasheet HTML 6Page - STMicroelectronics UM1038 Datasheet HTML 7Page - STMicroelectronics UM1038 Datasheet HTML 8Page - STMicroelectronics UM1038 Datasheet HTML 9Page - STMicroelectronics UM1038 Datasheet HTML 10Page - STMicroelectronics UM1038 Datasheet HTML 11Page - STMicroelectronics UM1038 Datasheet HTML 12Page - STMicroelectronics UM1038 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
UM1038
STM32 (STM3210C-EVAL) + EVALST7590-1
Doc ID 18303 Rev 1
9/24
4
STM32 (STM3210C-EVAL) + EVALST7590-1
The demonstration boards necessary to connect the STM3210C-EVAL and EVALST7590
boards and their configuration:
1.
STM3210C-EVAL
Configure the board: jumper positions according to Table 4.
Flash the correct firmware into STM32.
2.
EVALST7590-1
Put the jumper into position JP12 - USB_RES (see paragraph 1
in Appendix C).
Interconnect EVALST7590-1 according to Table 3 and Figure 9.
Table 3.
Interconnection of STM3210C-EVAL and EVALST7590-1
Signals - STM3210C-EVAL
Cable color
ST7590 connector
+3.3 V (CN8 - pin 48)
Red
+5 V (or +3.3 V) (pin 4)
GND (CN8 - pin 50)
Black
GND (pin 14)
STM32 UART TX (CN9 - pin 12 - PD8)
Green
ST7590 RX (pin 2)
STM32 UART RX (CN9 - pin 8 - PD9)
Blue
ST7590 TX (pin 1)
Table 4.
STM3210C-EVAL jumper position
Signals - STM3210C-EVAL
ST7590 connector
JP25
USB - open, DTB - open, PSU - closed
JP26
Closed
JP15
SD position closed
JP13
No jumper
JP11
No jumper
JP12
No jumper
JP1
Anti_TMP position closed
JP24
No jumper
JP9
Closed
JP17
Closed
JP20
Open


Similar Part No. - UM1038

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10389 PHILIPS-UM10389 Datasheet
511Kb / 16P
   36 W TLD application with UBA2014
Rev. 01-2 October 2009
More results

Similar Description - UM1038

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1519 STMICROELECTRONICS-UM1519 Datasheet
2Mb / 40P
   This user manual describes the ZigBee
UM1748 STMICROELECTRONICS-UM1748 Datasheet
1Mb / 17P
   This user manual describes
UM0324 STMICROELECTRONICS-UM0324 Datasheet
1Mb / 105P
   This user manual describes
UM0248 STMICROELECTRONICS-UM0248 Datasheet
520Kb / 26P
   This user manual describes the driver functions developed
UM0289 STMICROELECTRONICS-UM0289 Datasheet
1Mb / 29P
   This user manual describes the features of the eMotion Kit
logo
Analog Devices
UG-223 AD-UG-223 Datasheet
743Kb / 20P
   This user guide describes the EVAL-AD7193EBZ evaluation
logo
Texas Instruments
SN65HVD7XEVM TI-SN65HVD7XEVM Datasheet
1Mb / 17P
[Old version datasheet]   This manual describes the SN65HVD7xEVM Evaluation Module (EVM).
logo
STMicroelectronics
UM0581 STMICROELECTRONICS-UM0581 Datasheet
1Mb / 26P
   This user manual explains the operation of demonstration
AN2331 STMICROELECTRONICS-AN2331 Datasheet
831Kb / 24P
   This note describes the performances
logo
Silicon Laboratories
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
   This document describes the operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com