Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM0932 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 6Page - STMicroelectronics UM0932 Datasheet HTML 7Page - STMicroelectronics UM0932 Datasheet HTML 8Page - STMicroelectronics UM0932 Datasheet HTML 9Page - STMicroelectronics UM0932 Datasheet HTML 10Page - STMicroelectronics UM0932 Datasheet HTML 11Page - STMicroelectronics UM0932 Datasheet HTML 12Page - STMicroelectronics UM0932 Datasheet HTML 13Page - STMicroelectronics UM0932 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Functional overview
UM0932
10/43
DocID17385 Rev 3
Table 3 lists the fields of DL frame.
3.
Security services (SS) frames, providing authentication to payload using cryptographic
algorithms based on AES with 128-bit keys. Authentication is provided appending to
user data an AES-CMAC digest. A dedicated key (stored in the MIB object SS key 02h,
Section 4.2.3) is used for both transmitting and receiving frames. Figure 4 shows the
SS frame structure.
Figure 4. Security services frame structure
Table 4 lists the fields of SS frame.
Table 3. DL frame description
Field name
Length
Description and values
DL length
1
Total length of payload and CRC fields.
Payload
DL length – length of CRC
Data bytes
CRC
1, 2 or 4
CRC calculated in accordance with
algorithm chosen in dedicated MIB object
(modem configuration 00h, Section 4.2.1).
Table 4. SS frame description
Field name
Length
Description and values
Header
HL
Part of user data transmitted in clear.
Encrypted payload
LEN-29-HL
Part of user data transmitted ciphered.
IV
12
Initialization vector of AES-CTR algorithm.
HL
1
Header field length.
Digest
16
AES-CMAC digest computed on header, encrypted
payload, IV and HL fields.


Similar Part No. - UM0932

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0934 STMICROELECTRONICS-UM0934 Datasheet
1Mb / 113P
   ST7570 S-FSK power line networking System-on-Chip
More results

Similar Description - UM0932

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
logo
List of Unclassifed Man...
N575F145 ETC2-N575F145 Datasheet
695Kb / 21P
   system-on-chip product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com