Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN3372 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3372
Description  This note describes digital ballast for 70 W HID lamps
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3372 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3372 Datasheet HTML 1Page - STMicroelectronics AN3372 Datasheet HTML 2Page - STMicroelectronics AN3372 Datasheet HTML 3Page - STMicroelectronics AN3372 Datasheet HTML 4Page - STMicroelectronics AN3372 Datasheet HTML 5Page - STMicroelectronics AN3372 Datasheet HTML 6Page - STMicroelectronics AN3372 Datasheet HTML 7Page - STMicroelectronics AN3372 Datasheet HTML 8Page - STMicroelectronics AN3372 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
AN3372
General circuit description
Doc ID 018625 Rev 1
5/37
1
General circuit description
The block diagram of the ballast is shown in Figure 2. The complete circuit is composed of
two stages:
The boost converter which regulates the DC bus voltage and corrects the power factor.
The inverter stage composed of a full bridge that converts the DC current coming from
the PFC stage into an AC current for the lamp.
Operation mode of the full bridge realizes a buck converter. The full bridge, moreover,
supplies the igniter block to generate the high voltage pulses.
Figure 2.
150 W HID ballast block diagram
To generate a square wave current in the lamp, the circuit is driven in the following way:
When low-side PMOS Ls is switched ON, the current increase linearly, the voltage across
the inductor L is:
Equation 1
where:
VL = inductor voltage
Vdc = DC bus voltage
Vlamp = lamp voltage.
The duty cycle D is established by a current mode control circuit (see Figure 3).
lamp
dc
L
V
V
V
=


Similar Part No. - AN3372

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3370 PANASONIC-AN3370 Datasheet
42Kb / 4P
   Flying-Erase IC
AN3370K PANASONIC-AN3370K Datasheet
42Kb / 4P
   Flying-Erase IC
logo
STMicroelectronics
AN3371 STMICROELECTRONICS-AN3371 Datasheet
427Kb / 45P
   Using the hardware real-time clock
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
logo
STMicroelectronics
AN3373 STMICROELECTRONICS-AN3373 Datasheet
1Mb / 18P
   PM8803 is a highly integrated device embedding
More results

Similar Description - AN3372

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2835 STMICROELECTRONICS-AN2835 Datasheet
796Kb / 21P
   This application note describes the electronic lamp ballast for 70 W high intensity discharge
AN1325 STMICROELECTRONICS-AN1325 Datasheet
233Kb / 15P
   This application note describes
AN1471 STMICROELECTRONICS-AN1471 Datasheet
79Kb / 4P
   This application note describes
AN1603 STMICROELECTRONICS-AN1603 Datasheet
100Kb / 21P
   This Application Note describes
AN2727 STMICROELECTRONICS-AN2727 Datasheet
99Kb / 6P
   This application note describes
AN3311 STMICROELECTRONICS-AN3311 Datasheet
2Mb / 58P
   This application note describes
AN2511 STMICROELECTRONICS-AN2511 Datasheet
650Kb / 43P
   This application note describes
AN1798 STMICROELECTRONICS-AN1798 Datasheet
182Kb / 16P
   This application note describes
AN3114 STMICROELECTRONICS-AN3114 Datasheet
717Kb / 43P
   This application note describes techniques for connecting
AN594 STMICROELECTRONICS-AN594 Datasheet
864Kb / 28P
   This note describes a technique for driving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com