Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4902-SM Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA4902-SM
Description  Ka Band Packaged MPA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4902-SM Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA4902-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
TGA4902-SM
April 2012 © Rev C
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Ordering Information
Part
Package Style
TGA4902-SM
QFN 4x4 Surface Mount
Recommended Surface Mount Package Assembly
Proper ESD precautions must be followed while handling packages.
TriQuint recommends using a conductive solder paste for attachment. Follow solder paste and reflow oven
vendors’ recommendations when developing a solder reflow profile. Typical solder reflow profiles are listed
in the table below.
Hand soldering is not recommended. Solder paste can be applied using a stencil printer or dot placement.
The volume of solder paste depends on PCB and component layout and should be well controlled to
ensure consistent mechanical and electrical performance.
Solder attach process requires the use of no clean flux.
This part is not rated for high moisture environments.
Typical Solder Reflow Profiles
Reflow Profile
SnPb
Pb Free
Ramp-up Rate
3
°C/sec
3
°C/sec
Activation Time and
Temperature
60 – 120 sec @ 140 – 160
°C
60 – 180 sec @ 150 – 200
°C
Time above Melting Point
60 – 150 sec
60 – 150 sec
Max Peak Temperature
240
°C
260
°C
Time within 5
°C of Peak
Temperature
10 – 20 sec
10 – 20 sec
Ramp-down Rate
4 – 6
°C/sec
4 – 6
°C/sec


Similar Part No. - TGA4902-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
171Kb / 9P
   Ka-Band Packaged MPA
More results

Similar Description - TGA4902-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
171Kb / 9P
   Ka-Band Packaged MPA
TGA4509-SM TRIQUINT-TGA4509-SM Datasheet
128Kb / 9P
   Ka-Band Packaged 1W PA
TGA4509-SM TRIQUINT-TGA4509-SM_15 Datasheet
336Kb / 11P
   Ka-Band Packaged 1W PA
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
   4 Watt Ka Band Packaged Amplifier
logo
United Monolithic Semic...
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
CHU3377 UMS-CHU3377_15 Datasheet
125Kb / 4P
   W-band Multifunction: Multiplier / MPA
logo
TriQuint Semiconductor
TGA4915-EPU-CP TRIQUINT-TGA4915-EPU-CP Datasheet
137Kb / 8P
   7 W Ka Band Packaged Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com