Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4823-2-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA4823-2-SM
Description  9.9 to 12.5 Gb/s Linear/Limiting Optical Modulator Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4823-2-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA4823-2-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA4823-2-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA4823-2-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA4823-2-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA4823-2-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA4823-2-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4823-2-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA4823-2-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA4823-2-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
TGA4823-2-SM
May 2012 © Rev C
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Primary Applications
Product Description
Key Features
Measured Performance
9.9 - 12.5 Gb/s Linear/Limiting Optical Modulator Driver
Mach-Zehnder Modulator Driver for Metro and
Long Haul
Up to 10 Vpp Linear Output Voltage
> 12 Vpp Limiting Mode Output Voltage
Gain: 19 dB
Integrated High Frequency Bias Tee
Internal DC blocks
Single-ended Input / Output
Bias: Vd = 8 V, Id = 310 mA, Vctrl = +1 V,
Vg = -0.3 V Typical for Linear operation
Package Dimensions: 8 x 8 x 2.1 mm
The TriQuint TGA4823-2-SM is part of a series of
optical driver amplifiers suitable for a variety of
driver applications.
The TGA4823-2-SM is a high power wideband
AGC amplifier that typically provides 19 dB small
signal gain with 19 dB AGC range.
The TGA4823-2-SM is an excellent choice for
applications requiring high drive combined with
high linearity. The TGA4823-2-SM has
demonstrated capability to deliver 10Vpp while
maintaining output harmonic levels near -30dBc for
a 2GHz fundamental.
The TGA4823-2-SM requires a low frequency
choke and control circuitry.
RoHS compliant and Lead-Free finish. MSL1 per
IPC/JEDEC J-STD-020C . Evaluation boards
available on request.
Bias conditions: Vd = 8 V, Id = 310 mA, Vctrl = +1 V,
Vg ≈ -0.3 V Typical
PRBS = 231-1; CPC = 50%, 10.7 GB/s; Vin = 1Vpp


Similar Part No. - TGA4823-2-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4823-2-SM TRIQUINT-TGA4823-2-SM Datasheet
1Mb / 16P
   9.9 -12.5 Gb/s Linear/Limiting Optical Modulator Driver
More results

Similar Description - TGA4823-2-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4823-2-SM TRIQUINT-TGA4823-2-SM Datasheet
1Mb / 16P
   9.9 -12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-SM TRIQUINT-TGA4823-SM Datasheet
972Kb / 16P
   9.9 - 12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
1Mb / 14P
   9.9 - 12.5 Gb/s Optical Modulator Driver
logo
Vitesse Semiconductor C...
VSC5529 VITESSE-VSC5529 Datasheet
433Kb / 2P
   9.9 Gb/s - 12.5 Gb/s NRZ LiNbO3 Modulator Driver
logo
TriQuint Semiconductor
TGA8652-SL TRIQUINT-TGA8652-SL_15 Datasheet
1Mb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA8652-EPU-SL TRIQUINT-TGA8652-EPU-SL Datasheet
871Kb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SCC-SL TRIQUINT-TGA4953-SCC-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953 TRIQUINT-TGA4953 Datasheet
920Kb / 13P
   9.9-11.2Gb/s Optical Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com