Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4807 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA4807
Description  10.7Gb/s Modulator Driver Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4807 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA4807 Datasheet HTML 1Page - TriQuint Semiconductor TGA4807 Datasheet HTML 2Page - TriQuint Semiconductor TGA4807 Datasheet HTML 3Page - TriQuint Semiconductor TGA4807 Datasheet HTML 4Page - TriQuint Semiconductor TGA4807 Datasheet HTML 5Page - TriQuint Semiconductor TGA4807 Datasheet HTML 6Page - TriQuint Semiconductor TGA4807 Datasheet HTML 7Page - TriQuint Semiconductor TGA4807 Datasheet HTML 8Page - TriQuint Semiconductor TGA4807 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
TGA4807
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
SYMBOL
PARAMETER 6/
VALUE
NOTES
Vd
POSITIVE SUPPLY VOLTAGE
Drain Voltage at RF output
7 V
Id
POSITIVE SUPPLY CURRENT
Drain Current
285 mA
1/
Pd
POWER DISSIPATION
2.2 W
2/
Vg
Ig
NEGATIVE GATE
Voltage
Gate Current
0 V to –3 V
5 mA
Vctrl
Ictrl
CONTROL GATE
Voltage
Gate Current
Vd/2 to –3 V
5 mA
3/
PIN
RF INPUT
Sinusoidal Continuous Wave Power
23 dBm
TCH
OPERATING CHANNEL TEMPERATURE
200 °C
4/ 5/
MOUNTING TEMPERATURE
(30 SECONDS)
320 °C
TSTG
STORAGE TEMPERATURE
-65 to 150 °C
Notes:
1/ Assure the combination of Vd and Id does not exceed maximum power dissipation rating.
2/ When operated at this bias condition with a base plate temperature of 70 °C, the median life is 3.4E6 hours.
3/ Assure Vctrl never exceeds Vd during bias on and off sequences, and normal operation.
4/ These ratings apply to each individual FET.
5/ Junction operating temperature will directly affect the device median time to failure (Tm). For maximum
life, it is recommended that junction temperatures be maintained at the lowest possible levels.
6/ These ratings represent the maximum operable values for the device.
MAXIMUM RATINGS


Similar Part No. - TGA4807

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
More results

Similar Description - TGA4807

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
TGA4819-SL TRIQUINT-TGA4819-SL Datasheet
385Kb / 11P
   10.7Gb/s Linear Optical Modulator Driver
logo
Vitesse Semiconductor C...
VSC7991 VITESSE-VSC7991 Datasheet
105Kb / 10P
   SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
logo
TriQuint Semiconductor
TGA4802-EPU TRIQUINT-TGA4802-EPU Datasheet
168Kb / 10P
   12.5Gb/s Modulator Driver Amplifier
logo
Texas Instruments
TRF3520 TI-TRF3520 Datasheet
284Kb / 17P
[Old version datasheet]   GSM RF MODULATOR/DRIVER AMPLIFIER
logo
TriQuint Semiconductor
TGA4840-SM TRIQUINT-TGA4840-SM Datasheet
287Kb / 1P
   28Gb/s CFP2 Modulator Driver
TGA4942-SL TRIQUINT-TGA4942-SL Datasheet
266Kb / 1P
   43Gb/s DPSK Modulator Driver
TGA4959-SL TRIQUINT-TGA4959-SL Datasheet
329Kb / 1P
   32Gb/s Differential Modulator Driver
logo
Filtronic Compound Semi...
MAX002 FILTRONIC-MAX002 Datasheet
41Kb / 2P
   Optical Communications - Modulator Driver Amplifier
FMA501 FILTRONIC-FMA501 Datasheet
682Kb / 4P
   OC-192 MODULATOR DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com