Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4705-FC Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA4705-FC
Description  77 GHz Flip-Chip Low Noise Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4705-FC Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA4705-FC_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA4705-FC_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4705-FC_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4705-FC_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4705-FC_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4705-FC_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4705-FC_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4705-FC_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4705-FC_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
TGA4705-FC
November 2009 © Rev D
April 2012 © Rev E
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Table II
Recommended Operating Conditions
Table I
Absolute Maximum Ratings 1/
Symbol
Parameter
Value
Notes
Vd-Vg
Drain to Gate Voltage
5.5 V
Vd
Drain Voltage
4 V
2/
Vg
Gate Voltage Range
-1 to + 0.45 V
Id
Drain Current
108 mA
2/
Ig
Gate Current Range
-0.24 to +0.25 mA
Pin
Input Continuous Wave Power
10 dBm
2/
Tchannel
Max Channel Temperature
200 C
1/
These ratings represent the maximum operable values for this device. Stresses beyond those listed
under “Absolute Maximum Ratings” may cause permanent damage to the device and / or affect
device lifetime. These are stress ratings only, and functional operation of the device at these
conditions is not implied.
2/
Combinations of supply voltage, supply current, input power, and output power shall not exceed the
maximum power dissipation listed in Table IV.
Symbol
Parameter 1/
Value
Vd
Drain Voltage
2.5 V
Id
Drain Current
60 mA
Vg
Gate Voltage
+0.18 V Typical
1/
See assembly diagram for bias instructions.


Similar Part No. - TGA4705-FC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4705-FC TRIQUINT-TGA4705-FC Datasheet
231Kb / 11P
   77 GHz Flip-Chip Low Noise Amplifier
More results

Similar Description - TGA4705-FC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4705-FC TRIQUINT-TGA4705-FC Datasheet
231Kb / 11P
   77 GHz Flip-Chip Low Noise Amplifier
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
TGA4706-FC TRIQUINT-TGA4706-FC Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
   2.4 GHz Low-Noise Amplifier
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002 Datasheet
128Kb / 3P
   Low Noise Amplifier 1.575 GHz
AM50-0002 MACOM-AM50-0002_1 Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_15 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com