Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4542 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA4542
Description  37 to 40 GHz 1W Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4542 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGA4542 Datasheet HTML 4Page - TriQuint Semiconductor TGA4542 Datasheet HTML 5Page - TriQuint Semiconductor TGA4542 Datasheet HTML 6Page - TriQuint Semiconductor TGA4542 Datasheet HTML 7Page - TriQuint Semiconductor TGA4542 Datasheet HTML 8Page - TriQuint Semiconductor TGA4542 Datasheet HTML 9Page - TriQuint Semiconductor TGA4542 Datasheet HTML 10Page - TriQuint Semiconductor TGA4542 Datasheet HTML 11Page - TriQuint Semiconductor TGA4542 Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TGA4542
37 - 40 GHz 1W Power Amplifier
Preliminary Data Sheet: Rev - 9/15/12
- 8 of 12 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Bond Pad Description
Bond Pad
Symbol
Description
1
RF In
Input, matched to 50 ohms
2, 14
Vg
Gate voltage. ESD protection included; Bias network is required; ;
see Application Circuit on page 7 as an example.
3, 4, 5, 6, 10, 11,
12, 13
Vd
Drain voltage. Bias network is required; must be biased from both
sides; see Application Circuit on page 7 as an example.
1
2
3
4
5
6
7
8
9
10
11
12
13
14


Similar Part No. - TGA4542

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4542 TRIQUINT-TGA4542 Datasheet
1Mb / 13P
   37 - 40 GHz 1W Power Amplifier
More results

Similar Description - TGA4542

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4542 TRIQUINT-TGA4542 Datasheet
1Mb / 13P
   37 - 40 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6442 AVAGO-AMMC-6442 Datasheet
452Kb / 8P
   37 - 40 GHz 1W Power Amplifier
logo
TriQuint Semiconductor
TGA4538 TRIQUINT-TGA4538_15 Datasheet
508Kb / 17P
   37 to 40 GHz Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6442 AVAGO-AMMP-6442 Datasheet
323Kb / 8P
   37- 40 GHz, 1W Linear Power Amplifier in SMT Package
logo
TriQuint Semiconductor
TGA1171-SCC TRIQUINT-TGA1171-SCC_15 Datasheet
891Kb / 9P
   36 to 40 GHz 1W Power Amplifier
TGA1171-SCC TRIQUINT-TGA1171-SCC Datasheet
889Kb / 9P
   36 to 40 GHz 1W Power Amplifier
logo
Fairchild Semiconductor
RMPA39000 FAIRCHILD-RMPA39000 Datasheet
206Kb / 10P
   37-40 GHz GaAs MMIC Power Amplifier
RMPA39200 FAIRCHILD-RMPA39200 Datasheet
236Kb / 8P
   37-40 GHz 1.6 Watt Power Amplifier MMIC
RMPA39100 FAIRCHILD-RMPA39100 Datasheet
473Kb / 10P
   37-40 GHz 1 Watt Power Amplifier MMIC
logo
List of Unclassifed Man...
RMWL38001 ETC-RMWL38001 Datasheet
382Kb / 7P
   37-40 GHz Low Noise Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com