Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4539-SM Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA4539-SM
Description  Ka Band 1 Watt Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4539-SM Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA4539-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 10Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 11Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 12Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 13Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 14Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TGA4539-SM
Ka-Band 1 Watt Power Amplifier
Data Sheet: Rev I 03-03-15
- 10 of 14 -
Disclaimer: Subject to change without notice e
© 2014 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Applications Information (cont.)
PC Board Tuning Layout
Bill of Material
Ref Des
Value
Description
Manufacturer
Part Number
C1- C4
100 pF
Cap, 0402, 50 V, 5%, COG
Various
C5, C6, C7
1 uF
Cap, 0603, 25 V, 10%, X5R
Various
R1
15 Ohms
Res, 0402, 0.1 W, SMD
Various
All performance data in this data sheet was measured using the
transmission line tuning elements shown at pins 3 (RF In) and
pin 13 (RF Out). These transmission line dimension apply to
transmission lines on 0.010” thick Rogers RO3203, єr = 3.02.
Dimensions are in millimeters [inches].


Similar Part No. - TGA4539-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4539-SM TRIQUINT-TGA4539-SM Datasheet
1Mb / 14P
   Ka-Band 1 Watt Power Amplifier
More results

Similar Description - TGA4539-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4539-SM TRIQUINT-TGA4539-SM Datasheet
1Mb / 14P
   Ka-Band 1 Watt Power Amplifier
TGA1055 TRIQUINT-TGA1055 Datasheet
482Kb / 3P
   Ka Band 2 Watt Power Amplifier
TGA2575-TS TRIQUINT-TGA2575-TS_15 Datasheet
596Kb / 12P
   Ka-Band 3 Watt Power Amplifier
TGA4906-SM TRIQUINT-TGA4906-SM_15 Datasheet
948Kb / 18P
   4 Watt Ka-Band Power Amplifier
logo
Qorvo, Inc
TGA2575 QORVO-TGA2575 Datasheet
551Kb / 11P
   Ka-Band 3 Watt Power Amplifier
logo
TriQuint Semiconductor
TGA2575 TRIQUINT-TGA2575_15 Datasheet
504Kb / 11P
   Ka-Band 3 Watt Power Amplifier
TGA4514 TRIQUINT-TGA4514_15 Datasheet
480Kb / 13P
   2 Watt Ka-Band Power Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
   4 Watt Ka Band Packaged Amplifier
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com