Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4539-SM Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA4539-SM
Description  Ka Band 1 Watt Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4539-SM Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGA4539-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4539-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4539-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4539-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4539-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4539-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA4539-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA4539-SM_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA4539-SM_15 Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TGA4539-SM
Ka-Band 1 Watt Power Amplifier
Data Sheet: Rev I 03-03-15
- 8 of 14 -
Disclaimer: Subject to change without notice e
© 2014 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Pin Description
Pin
Symbol
Description
1, 5, 6, 10, 11, 15, 16, 20
N/C
Internally connected to 21; must be grounded on PCB.
2, 4, 12, 14
N/C
No internal connection; open on PCB for best performance.
3
RF IN
Input, matched to 50 ohms.
7, 19
Vg
Gate voltage. See Note 1
13
RF OUT
Output, matched to 50 ohms.
8,18
Vd12_Bot
Vd12_Top
Drain voltage for 1st and 2nd Stage. See Note 2
9,17
Vd3_Bot
Vd3_Top
Drain voltage for 3rd Stage. See Note 2
21
GND
Backside Paddle. Multiple vias should be employed to minimize inductance
and thermal resistance; see Mounting Configuration on page 12 for suggested
footprint.
Notes:
1.
Bias network is required; can be biased from either side (pin 7 or pin 19); see Application Circuit on page 7 as an
example.
2.
Bias network is required; must be biased from both side (pins 8, 9, 17, 18); see Application Circuit on page 7 as an
example.
5
4
3
2
1
19
20
17 16
18
11
12
13
14
15
7
6
10
8
9
21


Similar Part No. - TGA4539-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4539-SM TRIQUINT-TGA4539-SM Datasheet
1Mb / 14P
   Ka-Band 1 Watt Power Amplifier
More results

Similar Description - TGA4539-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4539-SM TRIQUINT-TGA4539-SM Datasheet
1Mb / 14P
   Ka-Band 1 Watt Power Amplifier
TGA1055 TRIQUINT-TGA1055 Datasheet
482Kb / 3P
   Ka Band 2 Watt Power Amplifier
TGA2575-TS TRIQUINT-TGA2575-TS_15 Datasheet
596Kb / 12P
   Ka-Band 3 Watt Power Amplifier
TGA4906-SM TRIQUINT-TGA4906-SM_15 Datasheet
948Kb / 18P
   4 Watt Ka-Band Power Amplifier
logo
Qorvo, Inc
TGA2575 QORVO-TGA2575 Datasheet
551Kb / 11P
   Ka-Band 3 Watt Power Amplifier
logo
TriQuint Semiconductor
TGA2575 TRIQUINT-TGA2575_15 Datasheet
504Kb / 11P
   Ka-Band 3 Watt Power Amplifier
TGA4514 TRIQUINT-TGA4514_15 Datasheet
480Kb / 13P
   2 Watt Ka-Band Power Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
   4 Watt Ka Band Packaged Amplifier
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com