Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4532 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA4532
Description  K-Band Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4532 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA4532_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4532_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4532_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4532_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4532_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4532_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA4532_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA4532_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA4532_15 Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TGA4532
K-Band Power Amplifier
Preliminary Data Sheet: Rev A 03/24/11
- 9 of 12 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Assembly Drawing
RF In
Vd
RF Out
Vd
C1
100 pF
C4
0.01 uF
Vg
R2
15 Ohm
C2
100 pF
C5
0.01 uF
C6
0.01 uF
C3
100 pF
C8
1 uF
R1
15 Ohm
C7
1 uF
C9
1 uF
Vd = 6V,
Id = 900mA
Vg = -0.7V
Typical
Bill of Material
Ref Des
Value
Description
Manufacturer
Part Number
C1, C2, C3
100 pF
Cap, 50V, 25%, Single Layer Cap
various
C4, C5, C6
0.01 uF
Cap, 50V, 10%, SMD
various
C7, C8, C9
1 uF
Cap, 50V, 5%
various
R1, R2
15 Ohms
Res, 1/4W, 5%
various


Similar Part No. - TGA4532_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4532-SM TRIQUINT-TGA4532-SM Datasheet
581Kb / 13P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4532-SM QORVO-TGA4532-SM Datasheet
530Kb / 12P
   K-Band Power Amplifier
logo
TriQuint Semiconductor
TGA4532-SM TRIQUINT-TGA4532-SM_15 Datasheet
581Kb / 13P
   K-Band Power Amplifier
More results

Similar Description - TGA4532_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4532-SM TRIQUINT-TGA4532-SM_15 Datasheet
581Kb / 13P
   K-Band Power Amplifier
TGA4534-SM TRIQUINT-TGA4534-SM_15 Datasheet
748Kb / 15P
   K-Band Power Amplifier
TGA4536-SM TRIQUINT-TGA4536-SM_15 Datasheet
695Kb / 15P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4532-SM QORVO-TGA4532-SM Datasheet
530Kb / 12P
   K-Band Power Amplifier
logo
TriQuint Semiconductor
TGA4533-SM TRIQUINT-TGA4533-SM_15 Datasheet
588Kb / 14P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4533-SM QORVO-TGA4533-SM Datasheet
656Kb / 14P
   K-Band Power Amplifier
logo
TriQuint Semiconductor
TGA4535-SM TRIQUINT-TGA4535-SM_15 Datasheet
805Kb / 15P
   K-Band Power Amplifier
logo
Eudyna Devices Inc
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5829X EUDYNA-FMM5829X Datasheet
259Kb / 14P
   K-Band Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4502-SCC TRIQUINT-TGA4502-SCC Datasheet
153Kb / 11P
   K Band High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com