Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4531 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA4531
Description  K-Band High Linearity Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4531 Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGA4531_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4531_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4531_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4531_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4531_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4531_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4531_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA4531_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA4531_15 Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
TGA4531
Aug 2010 © Rev A
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Bias conditions: Vd = 7 V, Id = 720 mA, Vg = -0.65 V Typical
Measured Data


Similar Part No. - TGA4531_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4530 TRIQUINT-TGA4530 Datasheet
275Kb / 12P
   K Band High Linearity Power Amplifier
TGA4530 TRIQUINT-TGA4530 Datasheet
326Kb / 12P
   K Band High Linearity Power Amplifier
TGA4530 TRIQUINT-TGA4530_15 Datasheet
326Kb / 12P
   K Band High Linearity Power Amplifier
TGA4532 TRIQUINT-TGA4532 Datasheet
219Kb / 12P
   K-Band Power Amplifier
TGA4532-SM TRIQUINT-TGA4532-SM Datasheet
581Kb / 13P
   K-Band Power Amplifier
More results

Similar Description - TGA4531_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4530 TRIQUINT-TGA4530 Datasheet
275Kb / 12P
   K Band High Linearity Power Amplifier
TGA4530 TRIQUINT-TGA4530_15 Datasheet
326Kb / 12P
   K Band High Linearity Power Amplifier
TGA4502-SCC TRIQUINT-TGA4502-SCC Datasheet
153Kb / 11P
   K Band High Power Amplifier
TGA4022 TRIQUINT-TGA4022 Datasheet
109Kb / 9P
   K-Band High Power Amplifier
TGA4502-SCC TRIQUINT-TGA4502-SCC_15 Datasheet
646Kb / 11P
   K Band High Power Amplifier
TGA4022 TRIQUINT-TGA4022_15 Datasheet
400Kb / 10P
   K Band High Power Amplifier
TGA4532-SM TRIQUINT-TGA4532-SM_15 Datasheet
581Kb / 13P
   K-Band Power Amplifier
TGA4534-SM TRIQUINT-TGA4534-SM_15 Datasheet
748Kb / 15P
   K-Band Power Amplifier
TGA4536-SM TRIQUINT-TGA4536-SM_15 Datasheet
695Kb / 15P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4532-SM QORVO-TGA4532-SM Datasheet
530Kb / 12P
   K-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com