Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4530 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA4530
Description  K Band High Linearity Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4530 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA4530 Datasheet HTML 4Page - TriQuint Semiconductor TGA4530 Datasheet HTML 5Page - TriQuint Semiconductor TGA4530 Datasheet HTML 6Page - TriQuint Semiconductor TGA4530 Datasheet HTML 7Page - TriQuint Semiconductor TGA4530 Datasheet HTML 8Page - TriQuint Semiconductor TGA4530 Datasheet HTML 9Page - TriQuint Semiconductor TGA4530 Datasheet HTML 10Page - TriQuint Semiconductor TGA4530 Datasheet HTML 11Page - TriQuint Semiconductor TGA4530 Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
TriQuint Semiconductor: www.triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com Web: www.triquint.com
Oct 2008 © Rev A
TGA4530
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
Recommended Assembly Diagram
RF In
RF Out
Vg
Vd
Vd
0.01uF
0.01uF
0.01uF
100pF 100pF
100pF
15 Ohm
1uF
15 Ohm
1uF
15 Ohm
1uF
Vd = 5 to 7 V
Id = 825 mA
Vg = -0.45 V (Typical for 7 V Vd bias)


Similar Part No. - TGA4530

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4530 TRIQUINT-TGA4530 Datasheet
275Kb / 12P
   K Band High Linearity Power Amplifier
More results

Similar Description - TGA4530

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4530 TRIQUINT-TGA4530 Datasheet
275Kb / 12P
   K Band High Linearity Power Amplifier
TGA4531 TRIQUINT-TGA4531_15 Datasheet
677Kb / 15P
   K-Band High Linearity Power Amplifier
TGA4502-SCC TRIQUINT-TGA4502-SCC Datasheet
153Kb / 11P
   K Band High Power Amplifier
TGA4022 TRIQUINT-TGA4022 Datasheet
109Kb / 9P
   K-Band High Power Amplifier
TGA4502-SCC TRIQUINT-TGA4502-SCC_15 Datasheet
646Kb / 11P
   K Band High Power Amplifier
TGA4022 TRIQUINT-TGA4022_15 Datasheet
400Kb / 10P
   K Band High Power Amplifier
TGA4532-SM TRIQUINT-TGA4532-SM_15 Datasheet
581Kb / 13P
   K-Band Power Amplifier
TGA4534-SM TRIQUINT-TGA4534-SM_15 Datasheet
748Kb / 15P
   K-Band Power Amplifier
TGA4536-SM TRIQUINT-TGA4536-SM_15 Datasheet
695Kb / 15P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4532-SM QORVO-TGA4532-SM Datasheet
530Kb / 12P
   K-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com