Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4522 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA4522
Description  33 to 47 GHz Wide Band Driver Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4522 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGA4522_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4522_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4522_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4522_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4522_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4522_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4522_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4522_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA4522_15 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
TGA4522
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
20
21
22
23
24
25
26
27
28
29
30
32
34
36
38
40
42
44
46
48
Fre que ncy (GHz)
6V
5V
20
21
22
23
24
25
26
27
28
29
30
32
34
36
38
40
42
44
46
48
Fre que ncy (GHz)
6V
5V
Measured Data
Bias Conditions: Vd = 6 V, Idq = 400 mA


Similar Part No. - TGA4522_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4522-EPU TRIQUINT-TGA4522-EPU Datasheet
167Kb / 10P
   33 - 47 GHz Wide Band Driver Amplifier
More results

Similar Description - TGA4522_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4522-EPU TRIQUINT-TGA4522-EPU Datasheet
167Kb / 10P
   33 - 47 GHz Wide Band Driver Amplifier
TGA4522 TRIQUINT-TGA4522 Datasheet
168Kb / 11P
   33 - 47 GHz Wide Band Driver Amplifier
logo
Qorvo, Inc
TGA4522 QORVO-TGA4522 Datasheet
369Kb / 12P
   33 ??7 GHz Wide Band Driver Amplifier
logo
TriQuint Semiconductor
TGA4521 TRIQUINT-TGA4521_15 Datasheet
309Kb / 9P
   32 to 45 GHz Wide Band Driver Amplifier
TGA4521 TRIQUINT-TGA4521 Datasheet
177Kb / 9P
   32 - 45 GHz Wide Band Driver Amplifier
logo
HBH Microwave GmbH
HA7003 HBH-HA7003 Datasheet
25Kb / 1P
   4.0 - 26.5 GHz Ultra Wide Band Driver Amplifier
logo
NEC
UPG110P NEC-UPG110P Datasheet
50Kb / 8P
   2 to 8 GHz WIDE BAND AMPLIFIER CHIP
logo
United Monolithic Semic...
CHA3023 UMS-CHA3023 Datasheet
389Kb / 8P
   1-18 GHz WIDE BAND AMPLIFIER
CHA3023 UMS-CHA3023_15 Datasheet
231Kb / 8P
   1-18 GHz WIDE BAND AMPLIFIER
logo
NEC
UPG110B NEC-UPG110B Datasheet
73Kb / 3P
   2-8 GHZ WIDE-BAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com