Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4521 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA4521
Description  32 to 45 GHz Wide Band Driver Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4521 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA4521_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA4521_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4521_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4521_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4521_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4521_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4521_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4521_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4521_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TGA4521
4
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
June 2008 © Rev
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
28
30
32
34
36
38
40
42
44
46
48
50
Frequency (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
28
30
32
34
36
38
40
42
44
46
48
50
Frequency (GHz)
Measured Data
Bias Conditions: Vd = 6 V, Idq = 175 mA
ORL
IRL


Similar Part No. - TGA4521_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4521 TRIQUINT-TGA4521 Datasheet
177Kb / 9P
   32 - 45 GHz Wide Band Driver Amplifier
More results

Similar Description - TGA4521_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4521 TRIQUINT-TGA4521 Datasheet
177Kb / 9P
   32 - 45 GHz Wide Band Driver Amplifier
TGA4522 TRIQUINT-TGA4522_15 Datasheet
369Kb / 12P
   33 to 47 GHz Wide Band Driver Amplifier
TGA4522-EPU TRIQUINT-TGA4522-EPU Datasheet
167Kb / 10P
   33 - 47 GHz Wide Band Driver Amplifier
TGA4522 TRIQUINT-TGA4522 Datasheet
168Kb / 11P
   33 - 47 GHz Wide Band Driver Amplifier
logo
Qorvo, Inc
TGA4522 QORVO-TGA4522 Datasheet
369Kb / 12P
   33 ??7 GHz Wide Band Driver Amplifier
logo
HBH Microwave GmbH
HA7003 HBH-HA7003 Datasheet
25Kb / 1P
   4.0 - 26.5 GHz Ultra Wide Band Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345 Datasheet
520Kb / 10P
   20 - 45 GHz Driver Amplifier
logo
Custom MMIC Design Serv...
CMD293 MMIC-CMD293 Datasheet
276Kb / 13P
   20-45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-6345 HP-AMMC-6345 Datasheet
398Kb / 10P
   20 - 45 GHz Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com