Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTXV2N6796 Datasheet(PDF) 1 Page - International Rectifier

Part # JANTXV2N6796
Description  POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=8.0A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTXV2N6796 Datasheet(HTML) 1 Page - International Rectifier

  JANTXV2N6796 Datasheet HTML 1Page - International Rectifier JANTXV2N6796 Datasheet HTML 2Page - International Rectifier JANTXV2N6796 Datasheet HTML 3Page - International Rectifier JANTXV2N6796 Datasheet HTML 4Page - International Rectifier JANTXV2N6796 Datasheet HTML 5Page - International Rectifier JANTXV2N6796 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
JANTX2N6796
JANTXV2N6796
Features:
s
Avalanche Energy Rating
s
Dynamic dv/dt Rating
s
Simple Drive Requirements
s
Ease of Paralleling
s
Hermetically Sealed
N-CHANNEL
Provisional Data Sheet No. PD-9.430B
100 Volt, 0.18
Ω HEXFET
HEXFET technology is the key to International
Rectifier’s advanced line of power MOSFET transis-
tors. The efficient geometry achieves very low on-
state resistance combined with high transconductance.
HEXFET transistors also feature all of the well-es-
tablish advantages of MOSFETs, such as voltage
control, very fast switching, ease of paralleling and
electrical parameter temperature stability. They are
well-suited for applications such as switching power
supplies, motor controls, inverters, choppers, audio
amplifiers, and high energy pulse circuits, and virtu-
ally any application where high reliability is required.
JANTX2N6796
JANTXV2N6796
[REF:MIL-PRF-19500/557]
[GENERIC:IRFF130]
HEXFET® POWER MOSFET
Absolute Maximum Ratings
Parameter
JANTX2N6796, JANTXV2N6796
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
8.0
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
5.0
IDM
Pulsed Drain Current Œ
32
PD @ TC = 25°C
Max. Power Dissipation
25
W
Linear Derating Factor
0.20
W/K 
VGS
Gate-to-Source Voltage
±20
V
dv/dt
Peak Diode Recovery dv/dt Ž
5.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from
case for 10.5 seconds)
Weight
0.98 (typical)
g
oC
A
8.0A
0.18
100V
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - JANTXV2N6796

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JANTXV2N6796 ETC2-JANTXV2N6796 Datasheet
47Kb / 5P
   100 V, 200 V, 400 V & 500 V, N-Channel, Enhancement Mode MOSFET Power Transistor
logo
Microsemi Corporation
JANTXV2N6796 MICROSEMI-JANTXV2N6796 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JANTXV2N6796E3 MICROSEMI-JANTXV2N6796E3 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
logo
International Rectifier
JANTXV2N6796U IRF-JANTXV2N6796U Datasheet
201Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
More results

Similar Description - JANTXV2N6796

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6756 IRF-JANTX2N6756 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
IRFY130CM IRF-IRFY130CM Datasheet
338Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14.4A)
IRHN7130 IRF-IRHN7130 Datasheet
508Kb / 14P
   TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14)
IRFY240CM IRF-IRFY240CM Datasheet
281Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=16A)
IRFN240 IRF-IRFN240 Datasheet
223Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=18A)
IRFN440 IRF-IRFN440 Datasheet
213Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=8.0A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
IRFN150 IRF-IRFN150 Datasheet
217Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.060ohm, Id=34A)
JANTX2N6788 IRF-JANTX2N6788 Datasheet
238Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.30ohm, Id=6.0A)
JANTX2N6764 IRF-JANTX2N6764 Datasheet
254Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.055ohm, Id=38A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com