Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD17145CT Datasheet(PDF) 3 Page - NEC

Part # UPD17145CT
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17145CT Datasheet(HTML) 3 Page - NEC

  UPD17145CT Datasheet HTML 1Page - NEC UPD17145CT Datasheet HTML 2Page - NEC UPD17145CT Datasheet HTML 3Page - NEC UPD17145CT Datasheet HTML 4Page - NEC UPD17145CT Datasheet HTML 5Page - NEC UPD17145CT Datasheet HTML 6Page - NEC UPD17145CT Datasheet HTML 7Page - NEC UPD17145CT Datasheet HTML 8Page - NEC UPD17145CT Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
3
µPD17145(A1), 17147(A1), 17149(A1)
POC circuit
Operating voltage
Package
One-time PROM version
µPD17P149
Timer
3 channels
• Internal interrupt: 4
FUNCTION LIST
Part Number
µPD17145 (A1)
µPD17147 (A1)
µPD17149 (A1)
Item
ROM capacity
2 KB (1024
× 16 bits)
4 KB (2048
× 16 bits)
8 KB (4096
× 16 bits)
RAM capacity
110
× 4 bits
Stack
Address stack
× 5, interrupt stack × 3
• I/O
: 20
I/O ports
23
• Input
: 2
• Sense input (INT pinNote): 1
A/D converter input
4 channels (shared with port pins), absolute accuracy:
±1.5 LSB MAX.
• 8-bit timer/counter:
2 channels (can be used as 1 channel of 16-bit timer)
• 7-bit basic interval timer:
1 channel (can be used as watchdog timer)
Serial interface
1 channel (3-wire)
• Multiple interrupt by hardware (3 levels MAX.)
• External interrupt (INT): 1
Rising edge, falling edge, or both rising and falling
edges selectable for detection.
Interrupt
• Timer 0 (TM0)
• Timer 1 (TM1)
• Basic interval timer (BTM)
• Serial interface (SIO)
Instruction execution time
2
µs (at 8 MHz, ceramic oscillation)
Standby function
HALT, STOP
Mask option
(Can be used in application circuit that operates on VDD = 5 V
± 10 %, 400 kHz to 4 MHz)
2.7 to 5.5 V (at 400 kHz to 2 MHz)
4.5 to 5.5 V (at 400 kHz to 8 MHz)
28-pin plastic shrink DIP (400 mil)
28-pin plastic SOP (375 mil)
Quality grade is "standard" and not (A1).
Operating temperature range: Ta = –40 to +85 ˚C
Note
The INT pin is used as an input pin (sense input) when the external interrupt function is not used.
The status of this pin is read by using the INT flag of a control register, not by a port register.
Caution
The PROM version is functionally compatible with the mask ROM versions but its internal
circuit and part of the electrical characteristics are different from those of the mask ROM
versions. To replace the PROM version with a mask ROM version, thoroughly conduct
application evaluation by using a sample of the mask ROM version.


Similar Part No. - UPD17145CT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17145 RENESAS-UPD17145 Datasheet
2Mb / 104P
   MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD17145CT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD17145A1 RENESAS-PD17145A1_15 Datasheet
553Kb / 104P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
UPD753204 NEC-UPD753204 Datasheet
577Kb / 80P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD750064 NEC-UPD750064 Datasheet
460Kb / 82P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD753108 NEC-UPD753108 Datasheet
2Mb / 459P
   4-bit Single-chip Microcontrollers
UPD754202 NEC-UPD754202 Datasheet
302Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754264 NEC-UPD754264 Datasheet
318Kb / 68P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754144 NEC-UPD754144 Datasheet
416Kb / 88P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Sanyo Semicon Device
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
logo
NEC
UPD17P236 NEC-UPD17P236 Datasheet
252Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com