Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1693 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
Download  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 7Page - STMicroelectronics UM1693 Datasheet HTML 8Page - STMicroelectronics UM1693 Datasheet HTML 9Page - STMicroelectronics UM1693 Datasheet HTML 10Page - STMicroelectronics UM1693 Datasheet HTML 11Page - STMicroelectronics UM1693 Datasheet HTML 12Page - STMicroelectronics UM1693 Datasheet HTML 13Page - STMicroelectronics UM1693 Datasheet HTML 14Page - STMicroelectronics UM1693 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 196 page
background image
DocID025505 Rev 1
11/196
UM1693
General items
195
1
General items
1.1
Overview about M0-7 standard high-side drivers
The M0-7 standard high-side drivers are manufactured using STMicroelectronics®
proprietary VIPower® technology. The devices are designed to drive 12 V automotive
resistive as well as inductive and capacitive loads connected to ground. A 3.3 V and 5 V
CMOS-compatible interface to a microcontroller unit is provided. The products feature a
very low quiescent current to preserve battery charge during standby mode. Undervoltage
shutdown acts below 4 V in order to ensure the loads are driven when charge pump can
deliver sufficient power. Overvoltage clamp structure protects the devices effectively from
“ISO 7637-2:2004(E)” pulses (with the exception of load dump pulses, unclamped or
clamped above 40 V). At loss of ground the outputs are safely turned-off, current injected
into the outputs is less than 2 mA. At loss of VCC the outputs are also safely turned-off, but
special care must be taken when inductive loads are driven, since additional external
protection is required to absorb the demagnetization energy (refer to Chapter 6: Load
compatibility).
Reverse battery protection is provided in conjunction with external components for
monolithic standard high-side drivers, whilst hybrid high-side drivers are reverse battery
protected by self turn-on of output channels without the need of external components (refer
to Chapter 2: Reverse battery protection). Note that no protection features are operating
under reverse battery conditions.
M0-7 standard high-side drivers integrate advanced protective functions such as load
current limitation, overload active management by power limitation and overtemperature
shutdown with configurable latch-off. A FaultRST pin unlatches the output in case of fault or
disables the latch-off functionality. A dedicated multifunction multiplexed analog output pin
delivers sophisticated diagnostic functions including:
Proportional load current sense
Supply voltage feedback
Chip temperature sense
Detection of overload
Short circuit to ground
Short to VCC and
Off-state open-load
A SenseEnable pin allows off-state diagnosis to be disabled when it is needed to send the
module in low power mode. Moreover, thanks to the sense enable functionality, it is possible
to share one common external sense resistor among several devices and so to manage a
MultiSense diagnostic bus.


Similar Part No. - UM1693

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1691 STMICROELECTRONICS-UM1691 Datasheet
1Mb / 41P
   The EVAL6470H-DISC can be used together
UM1692 STMICROELECTRONICS-UM1692 Datasheet
2Mb / 42P
   The EVAL6472H-DISC can be used together
UM1694 STMICROELECTRONICS-UM1694 Datasheet
2Mb / 30P
   STEVAL-ILH007V1: 150W HID digital ballast based on STLUX385A
June 2015 Rev 1
UM1695 STMICROELECTRONICS-UM1695 Datasheet
571Kb / 46P
   This document provides a detailed description
More results

Similar Description - UM1693

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AWP24S ETC2-AWP24S Datasheet
376Kb / 23P
   HARDWARE DESIGN GUIDE FOR ARTAFLEX WIRELESS MODULES
logo
STMicroelectronics
L99PD08 STMICROELECTRONICS-L99PD08 Datasheet
756Kb / 41P
   SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
logo
Broadcom Corporation.
ADNK-6003 BOARDCOM-ADNK-6003 Datasheet
305Kb / 24P
   Design Guide
logo
STMicroelectronics
AN4218 STMICROELECTRONICS-AN4218 Datasheet
1Mb / 26P
   Hardware design guideline
logo
Silicon Laboratories
UG382 SILABS-UG382 Datasheet
1Mb / 26P
   WF200 Hardware Design
logo
Laird Tech Smart Techno...
SDC-MSD30AG LSTD-SDC-MSD30AG Datasheet
1Mb / 26P
   HARDWARE INTEGRATION GUIDE
logo
HiSilicon(Shanghai) Tec...
HI3531 HISILICON-HI3531 Datasheet
1Mb / 52P
   Hi3531/Hi3532 hardware design
2012-11-30
logo
STMicroelectronics
AN3326 STMICROELECTRONICS-AN3326 Datasheet
308Kb / 21P
   SPC56EL60x hardware design guideline
logo
Ramtron International C...
AN91445 RAMTRON-AN91445 Datasheet
1Mb / 33P
   Antenna Design Guide
logo
HiSilicon(Shanghai) Tec...
HI3521 HISILICON-HI3521 Datasheet
1Mb / 56P
   Hi3521/Hi3520A hardware design
2012-08-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com