Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU1205-28CL Datasheet(PDF) 5 Page - International Rectifier

Part # IRU1205-28CL
Description  300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1205-28CL Datasheet(HTML) 5 Page - International Rectifier

  IRU1205-28CL Datasheet HTML 1Page - International Rectifier IRU1205-28CL Datasheet HTML 2Page - International Rectifier IRU1205-28CL Datasheet HTML 3Page - International Rectifier IRU1205-28CL Datasheet HTML 4Page - International Rectifier IRU1205-28CL Datasheet HTML 5Page - International Rectifier IRU1205-28CL Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IRU1205
IRU1205-18 / IRU1205-25 / IRU1205-28
IRU1205-30 / IRU1205-33 / IRU1205-36
5
Rev. 2.3
07/16/02
www.irf.com
(L5) SOT-23 Package
5-Pin
SYMBOL
A
A1
A2
B
C
D
E
E1
e
e1
L
a
MIN
0.90
0.00
0.90
0.25
0.09
2.80
2.60
1.50
0.35
0
8
MAX
1.45
0.15
1.30
0.50
0.20
3.00
3.00
1.75
0.55
10
8
0.95 REF
1.90 REF
NOTE: ALL MEASUREMENTS
ARE IN MILLIMETERS.
C
L
E
C
E1
L
B
e
D
e1
A
A2
A1
a


Similar Part No. - IRU1205-28CL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
IRU1206-18 IRF-IRU1206-18 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
IRU1206-18CD IRF-IRU1206-18CD Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
IRU1206-18CY IRF-IRU1206-18CY Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results

Similar Description - IRU1205-28CL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU1205 A-POWER-APU1205 Datasheet
70Kb / 4P
   300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
APU1205 A-POWER-APU1205_16 Datasheet
106Kb / 5P
   300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
APU8836 A-POWER-APU8836_16 Datasheet
245Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
APU8850 A-POWER-APU8850_16 Datasheet
149Kb / 7P
   150mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com