Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1542 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1542
Description  THE THERMAL RUNAWAY LAW IN SCHOTTKY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1542 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1542 Datasheet HTML 1Page - STMicroelectronics AN1542 Datasheet HTML 2Page - STMicroelectronics AN1542 Datasheet HTML 3Page - STMicroelectronics AN1542 Datasheet HTML 4Page - STMicroelectronics AN1542 Datasheet HTML 5Page - STMicroelectronics AN1542 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APPLICATION NOTE
3/6
losses
Pfwd
Forward
mode
SMPS
break down
Reverse
mode
Thermal
runaway
time
Monotonous variation
t0
Prev
Fig. 4: Typical loss variation in the OR-ing before
and after the SMPS failure
In these more complicated cases, device thermal
behavior can be simulated with tools like PSPICE.
The following analogies have to be used:
Tj
Forward
mode
continuous
variation
SMPS
break down
Reverse
mode
Monotonous variation
time
Thermal
runaway
Tamb
Fig. 5: Typical junction temperature variation in
the OR-ing before and after the SMPS failure
More complicated cases, where the assumptions
of §3.2 do not exist, can be considered.
For example:
s
OR-ing diode not on its own heatsink.
The OR-ing diode can be mounted on common
heatsink with other dissipative devices. In this
case, the junction temperature of the OR-ing di-
ode can be influenced by the other devices,
thanks to coupling thermal resistance.
s
Non constant thermal resistance system:
The convection can be forced by a fan con-
nected to the Anode side of the OR-ing diode. In
case of SMPS failure, the fan will stop and the
Rth(j-a) will increase. In this case, the junction
temperature variation will not be monotonous.
3.3. Results in more complicated cases
Tj
Forward
mode
continuous
variation
SMPS
break down
Fan switch
OFF
Reverse
mode
Thermal
runaway
Tamb
time
NON-monotonous variation
t0
Fig. 6: Example of junction temperature variation
in non-constant thermal resistance system
Rth(c-a)
P (losses)
Rth(j-c)
Tamb
Tcase
Tjunction
Junction
Case
Ambiant
Fig. 7: Thermal / electric analogy for simulation
This analogy can be use to analyze any complex
thermal problem.
Thermal:
Electrical:
Temperature
Voltage
Power
Current
Resistance
Resistance


Similar Part No. - AN1542

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AN1549.0 INTERSIL-AN1549.0 Datasheet
78Kb / 4P
   Addressing Power Issues in Real Time Clock Applications
More results

Similar Description - AN1542

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-JD05 AVAGO-HDJD-JD05 Datasheet
950Kb / 10P
   TO THE EXTENT ALLOWED BY LOCAL LAW
HDJD-JD06 AVAGO-HDJD-JD06 Datasheet
1Mb / 12P
   TO THE EXTENT ALLOWED BY LOCAL LAW
logo
Rohm
BA6138 ROHM-BA6138 Datasheet
106Kb / 4P
   Square-law compression amplifiers
logo
Silicon Laboratories
SI3050 SILABS-SI3050 Datasheet
1Mb / 112P
   PCM highway data interface law A-law companding SPI control interface GCl interface
logo
Texas Instruments
TMS320F28379S TI1-TMS320F28379S_16 Datasheet
2Mb / 213P
[Old version datasheet]   Programmable Control Law Accelerator
TCM2911A TI-TCM2911A Datasheet
165Kb / 2P
[Old version datasheet]   PCM A-law codec
logo
List of Unclassifed Man...
S3506I ETC1-S3506I Datasheet
1Mb / 16P
   CMOS Single Chip u-Law / A-Law Synchronous Combo Codecs With Filters
logo
Device Engineering Inco...
DEI1090 DEIAZ-DEI1090 Datasheet
321Kb / 13P
   LED Driver with Square-Law Dimming Control
logo
Central Semiconductor C...
CMSH3-40FL CENTRAL-CMSH3-40FL Datasheet
1Mb / 2P
   3.0A, 40V Schottky Rectifier in the SMBFL package
CMSH2-40FL CENTRAL-CMSH2-40FL Datasheet
1Mb / 2P
   2.0A, 40V Schottky Rectifier in the SMAFL package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com