Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-01234 Datasheet(PDF) 2 Page - Tensility International Corp.

Part # 10-01234
Description  Cable, 460 mm, 5.5x2.5x12mm 50-00026 plug to 5.5x2.5mm 50-00027 jack, 18 AWG, UL2468, 30-00007 wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

10-01234 Datasheet(HTML) 2 Page - Tensility International Corp.

  10-01234 Datasheet HTML 1Page - Tensility International Corp. 10-01234 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
rev:
page:
September 13, 2012
A
10-01234
Cable, 460 mm, 5.5x2.5x12mm 50-00026
plug to 5.5x2.5mm 50-00027 jack, 18 AWG,
UL2468, 30-00007 wire
2 of 2
Spec sign-off verifies that you have reviewed the entire specification, tested a sample of the product, and confirm that it meets your
requirements. This specification reflects the part as it will be ordered. Orders will not be processed until the specification pages have
been initialed and the approval page has been signed. This specification is confidential and is not to be transmitted without prior
approval from Tensility.
Signature
Title
Name
Date
Company
Branch
Specification Approval
Revision notes:
Rev
Date
Description
A
September 13, 2012
initial release


Similar Part No. - 10-01234

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-01232 TENSILITY-10-01232 Datasheet
316Kb / 2P
   Cable, 102 mm, 5.5x2.1x10mm 50-00296 dc plug to 10 mm tinned, 24 AWG, UL2468, 30-00003 wire
10-01233 TENSILITY-10-01233 Datasheet
324Kb / 2P
   Cable, 1830 mm, 5.5x2.5 mm 50-00131 dc jack to 5 mm tinned, 28 AWG, UL2468, 30-00200 wire
10-01235 TENSILITY-10-01235 Datasheet
327Kb / 2P
   Cable, 610 mm, 5.5x2.5x12mm 50-00026 plug to 5.5x2.5mm 50-00027 jack, 18 AWG, UL2468, 30-00007 wire
10-01237 TENSILITY-10-01237 Datasheet
323Kb / 2P
   Cable, 1830 mm, 5.5x2.1x10 mm 90 50-00100 dc plug to 10 mm tinned, 20 AWG, UL2468, 30-00002 wire
More results

Similar Description - 10-01234

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-01235 TENSILITY-10-01235 Datasheet
327Kb / 2P
   Cable, 610 mm, 5.5x2.5x12mm 50-00026 plug to 5.5x2.5mm 50-00027 jack, 18 AWG, UL2468, 30-00007 wire
10-01094 TENSILITY-10-01094 Datasheet
308Kb / 2P
   Cable, 915 mm, 5.5x2.5 mm 50-00027 dc jack to stripped tinned, 18 AWG, 30-00007 wire
10-01090 TENSILITY-10-01090 Datasheet
307Kb / 2P
   Cable, 1830 mm, 5.5x2.5 mm 50-00027 dc jack to stripped tinned, 18 AWG, 30-00007 wire
10-01060 TENSILITY-10-01060 Datasheet
336Kb / 2P
   Cable, 1830 mm, 5.5x2.5x12 mm 50-00026 dc plug to stripped tinned, 18 AWG, 30-00007 wire
10-00244 TENSILITY-10-00244 Datasheet
55Kb / 2P
   Cable, 1830 mm, USB A plug to 5.5x2.5x12mm 50-00026 plug, center positive, 22 AWG, UL2468
10-00245 TENSILITY-10-00245 Datasheet
56Kb / 2P
   Cable, 1830 mm, USB A plug to 5.5x2.5x12mm 50-00026 plug, center negative, 22 AWG, UL2468
10-01215 TENSILITY-10-01215 Datasheet
329Kb / 2P
   Cable, 305 mm, 5.5x2.5x7.5 mm 50-00011 locking dc plug to same, 18 AWG, UL2468 30-00007 wire
10-01073 TENSILITY-10-01073 Datasheet
355Kb / 2P
   Cable, 915 mm, 5.5x2.5x12 mm 50-00026 dc plug to 5.5x2.5 mm 50-00027 dc jack
10-01074 TENSILITY-10-01074 Datasheet
358Kb / 2P
   Cable, 1830 mm, 5.5x2.5x12 mm 50-00026 dc plug to 5.5x2.5 mm 50-00027 dc jack
10-01068 TENSILITY-10-01068 Datasheet
309Kb / 2P
   Cable, 915 mm, 5.5x2.1x12 mm 50-00024 dc plug to 5.5x2.1 mm 50-00025 dc jack, 18 AWG, 30-00007 wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com