Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLS-0603AURUGC Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-0603AURUGC
Description  SMD led lamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-0603AURUGC Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-0603AURUGC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603AURUGC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603AURUGC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603AURUGC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603AURUGC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603AURUGC Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603AURUGC Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603AURUGC Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Model. No.
Rev.
Min.
Tpy.
R
2.00
G
2.10
R
645
G
575
R
631
G
574
R
80
G
45
---
130
---
R
G
Page
3/8
/
/
Peak Emission Wavelength
50% Power Angle
Material
Deg
VR = 5V
uA
V
nm
nm
mcd
Luminous Intensity
Dominant Wavelength
Reverse Current
IR
2.70
IF = 20mA
IF = 20mA
IF = 20mA
IF = 20mA
R
30
100
78
Forward Voltage
VF
Http://www.foryard.com
Storage Temperature
■ Typical Electrical &Optical Charcteristics(Ta=25ºC)
Tstg
Model No.
:FYLS-0603AURUGC
Forward Current(DC)
PD
mA
mA
Mw
G
FYLS-0603AURUGC
Absolute maximum Rating
A
IFP
Peak Forward Current*
Power Dissipation
Operation Temperature
Topr
Items
Reverse Voltage
■ Absolute Maximun Ratings(Ta=25ººººC)
30
100
78
Soldering Temperature
VR
Symbol
Items
Max.
Tsol
5
V
*Pulse width
≦1msec duty≦
≦1/10
Chip
Condition
IF
-30
ºC~+80ºC
-40ºC
~+100ºC
λp
λD
IV
2θ½
Item
Reflector
Wire
Encapsulate
Gold
Silicone
AlGaInP
Note:
2.Pay attention about static for InGaN
1.Luminous Intensity is based on the Foryard standards.
Symbol
Unit
Unit
10
Reflow Soldering:250
℃/5sec
IF = 20mA
Material
Gold
Silicone
AlGaInP
2.60
■ Material


Similar Part No. - FYLS-0603AURUGC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-0603AURUBC FORYARD-FYLS-0603AURUBC Datasheet
444Kb / 8P
   SMD led lamp
FYLS-0603AURUYC FORYARD-FYLS-0603AURUYC Datasheet
445Kb / 8P
   SMD led lamp
More results

Similar Description - FYLS-0603AURUGC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3020URC FORYARD-FYLS-3020URC Datasheet
525Kb / 8P
   SMD led lamp
FYLS-3528BUBC FORYARD-FYLS-3528BUBC_15 Datasheet
526Kb / 8P
   SMD led lamp
FYLS-1204RGBC FORYARD-FYLS-1204RGBC Datasheet
504Kb / 8P
   SMD led lamp
FYLS-1204SRC FORYARD-FYLS-1204SRC Datasheet
843Kb / 8P
   SMD led lamp
FYLS-3528UW2C FORYARD-FYLS-3528UW2C_15 Datasheet
493Kb / 8P
   SMD led lamp
FYLS-3528UWC FORYARD-FYLS-3528UWC_15 Datasheet
506Kb / 8P
   SMD led lamp
FYLS-3528UY2C FORYARD-FYLS-3528UY2C_15 Datasheet
488Kb / 8P
   SMD led lamp
FYLS-0603ASRC-Z2 FORYARD-FYLS-0603ASRC-Z2 Datasheet
483Kb / 8P
   SMD led lamp
FYLS-0603BUBC-Z1 FORYARD-FYLS-0603BUBC-Z1 Datasheet
500Kb / 8P
   SMD led lamp
logo
BetLux Electronics
BL-LS0402HC BETLUX-BL-LS0402HC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS1204EGC BETLUX-BL-LS1204EGC Datasheet
120Kb / 4P
   SMD LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com