Part Name
         Description
IRU1117-25

 800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR ( 8 Page)


IRF
100% 
Zoom Out Zoom In
   
 2 page
background image
2
Rev. 1.5
02/04/03
IRU1117-25
www.irf.com
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) ....................................................
7V
Power Dissipation .....................................................
Internally Limited
Storage Temperature Range ......................................
-65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 150°C
PACKAGE INFORMATION
2-PIN PLASTIC TO-252 (D-Pak)
2-PIN ULTRA THIN-PAKTM (P)
8-PIN PLASTIC SOIC (S)
3-PIN PLASTIC SOT-223 (Y)
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over CIN=1
mF, VIN=5V, COUT=10mF, and TJ=0 to 1258C.
Typical values refer to TJ=25
8C.
Note 1: Low duty cycle pulse testing with Kelvin connections is required in order to maintain accurate data.
Note 2: Dropout voltage is defined as the minimum differential voltage between VIN and VOUT required to maintain
regulation at VOUT. It is measured when the output voltage drops 1% below its nominal value.
Output Voltage
Line Regulation
Load Regulation (Note 1)
Dropout Voltage (Note 2)
Current Limit
Thermal Regulation
Ripple Rejection
Temperature Stability
Long Term Stability
RMS Output Noise
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Io=10mA, TJ=25
8C
Io=10mA
Io=10mA, 4.75V<VIN<7V
10mA<Io<800mA
Io=1A
Io=800mA
DVo=100mV
30ms Pulse, Io=800mA
f=120Hz, Co=25
mF Tantalum,
Io=0.5A
Io=10mA
TJ=125
8C, 1000Hrs
TJ=25
8C, 10Hz<f<10KHz
2.475
2.450
1.1
2.500
2.500
1.2
1.1
0.01
70
0.5
0.3
0.003
2.525
2.550
7
17
1.3
1.2
0.02
1
V
mV
mV
V
A
%/W
dB
%
%
%VO
VO
θJA=70°C/W for 0.5" Sq pad
θJA=70°C/W for 0.5" Sq pad
θJA=55°C/W for 1" Sq pad
θJA=90°C/W for 0.4" Sq pad
Gnd
Tab is
VOUT
VIN
1
3
Gnd
VIN
1
3
Tab is
VOUT
Gnd
NC
NC
VIN
VOUT
4
3
2
1
5
6
7
8
VOUT
VOUT
VOUT
Gnd
VOUT
VIN
Tab is
VOUT
3
1
2



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APL1087800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V 2.5V and 3.3V 1 2 3 4 5 MoreAnpec Electronics Coropration
APL1087E800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V 2.5V and 3.3V 1 2 3 4 5 MoreAnpec Electronics Coropration
APL1087R800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V 2.5V and 3.3V 1 2 3 4 5 MoreAnpec Electronics Coropration
TC2117800mA Fixed Low Dropout Positive Regulator 1 2 3 4 5 MoreMicrochip Technology
REG1117800mA and 1A Low Dropout Positive Regulator 1.8V 2.5V 2.85 3.3V 5V and Adjustable 1 2 3 4 5 MoreBurr-Brown Corporation
IRU1261DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR 1 2 3 4 5 MoreInternational Rectifier
IRU1117-18800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR 1 2 3 4 International Rectifier
HPL11171A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V 2.5V 2.85V 3.3V and 5V 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl