Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU1030CT Datasheet(PDF) 2 Page - International Rectifier

Part # IRU1030CT
Description   3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1030CT Datasheet(HTML) 2 Page - International Rectifier

  IRU1030CT Datasheet HTML 1Page - International Rectifier IRU1030CT Datasheet HTML 2Page - International Rectifier IRU1030CT Datasheet HTML 3Page - International Rectifier IRU1030CT Datasheet HTML 4Page - International Rectifier IRU1030CT Datasheet HTML 5Page - International Rectifier IRU1030CT Datasheet HTML 6Page - International Rectifier IRU1030CT Datasheet HTML 7Page - International Rectifier IRU1030CT Datasheet HTML 8Page - International Rectifier IRU1030CT Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Rev. 1.3
08/20/02
IRU1030
www.irf.com
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) ....................................................
7V
Power Dissipation .....................................................
Internally Limited
Storage Temperature Range ......................................
-65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 150°C
PACKAGE INFORMATION
2-PIN PLASTIC TO-252 (D-Pak)
3-PIN PLASTIC TO-263 (M)
3-PIN PLASTIC TO-220 (T)
Unless otherwise specified, these specifications apply over CIN=1
mF, COUT=10mF, and TJ=0 to 1508C.
Typical values refer to TJ=25
8C.
ELECTRICAL SPECIFICATIONS
Note 1: Low duty cycle pulse testing with Kelvin con-
nections is required in order to maintain accurate data.
Note 2: Dropout voltage is defined as the minimum dif-
ferential voltage between VIN and VOUT required to main-
tain regulation at VOUT. It is measured when the output
voltage drops 1% below its nominal value.
Note 3: Minimum load current is defined as the mini-
mum current required at the output in order for the out-
put voltage to maintain regulation. Typically the resistor
dividers are selected such that this current is automati-
cally maintained.
Adj
VIN
VOUT
1
2
3
FRONT VIEW
Tab is
VOUT
Adj
VOUT
VIN
1
2
3
FRONT VIEW
Tab is
VOUT
Adj
Tab is
VOUT
VIN
1
3
FRONT VIEW
Reference Voltage
Line Regulation
Load Regulation (Note 1)
Dropout Voltage (Note 2)
Current Limit
Minimum Load Current (Note 3)
Thermal Regulation
Ripple Rejection
Adjust Pin Current
Adjust Pin Current Change
Temperature Stability
Long Term Stability
RMS Output Noise
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Io=10mA, TJ=25
8C, (VIN-Vo)=1.5V
Io=10mA, (VIN-Vo)=1.5V
Io=10mA, 1.3V<(VIN-Vo)<7V
VIN=3.3V, VADJ=0, 10mA<Io<3A
Note 2, Io=3A
VIN=3.3V,
DVo=100mV
VIN=3.3V, VADJ=0V
30ms Pulse, VIN-Vo=3V, Io=3A
f=120Hz, Co=25
mF Tantalum,
Io=1.5A, VIN-Vo=3V
Io=10mA, VIN-Vo=1.5V, TJ=25
8C,
Io=10mA, VIN-Vo=1.5V
Io=10mA, VIN-Vo=1.5V, TJ=25
8C
VIN=3.3V, VADJ=0V, Io=10mA
TJ=125
8C, 1000Hrs
TJ=25
8C, 10Hz<f<10KHz
1.238
1.225
3.1
60
1.250
1.250
1.1
5
0.01
70
55
0.2
0.5
0.3
0.003
1.262
1.275
0.2
0.4
1.3
10
0.02
120
5
1
V
%
%
V
A
mA
%/W
dB
mA
mA
%
%
%VO
VREF
DVO
IADJ
θJA=70°C/W for 0.5" Square pad
θJA=35°C/W for 1" Square pad
θJT=2.7°C/W θJA=60°C/W


Similar Part No. - IRU1030CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1030-33 IRF-IRU1030-33 Datasheet
77Kb / 4P
    3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33CD IRF-IRU1030-33CD Datasheet
77Kb / 4P
    3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33CM IRF-IRU1030-33CM Datasheet
77Kb / 4P
    3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33CP IRF-IRU1030-33CP Datasheet
77Kb / 4P
    3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33CT IRF-IRU1030-33CT Datasheet
77Kb / 4P
    3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results

Similar Description - IRU1030CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085 Datasheet
59Kb / 7P
   3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1085 LINER-RH1085_15 Datasheet
83Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
logo
Vishay Siliconix
GS1085 VISHAY-GS1085 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
logo
Linear Technology
RH1085 LINER-RH1085 Datasheet
64Kb / 4P
   3A Low Dropout Positive Adjustable Regulator
logo
E-Tech Electronics LTD
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1085 A-POWER-APE1085 Datasheet
209Kb / 10P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GE1085 GTM-GE1085 Datasheet
229Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 GTM-GU1085 Datasheet
258Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com