Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU1030CM Datasheet(PDF) 8 Page - International Rectifier

Part # IRU1030CM
Description   3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1030CM Datasheet(HTML) 8 Page - International Rectifier

Back Button IRU1030CM Datasheet HTML 3Page - International Rectifier IRU1030CM Datasheet HTML 4Page - International Rectifier IRU1030CM Datasheet HTML 5Page - International Rectifier IRU1030CM Datasheet HTML 6Page - International Rectifier IRU1030CM Datasheet HTML 7Page - International Rectifier IRU1030CM Datasheet HTML 8Page - International Rectifier IRU1030CM Datasheet HTML 9Page - International Rectifier IRU1030CM Datasheet HTML 10Page - International Rectifier IRU1030CM Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Rev. 1.3
08/20/02
IRU1030
www.irf.com
(D) TO-252 Package
2-Pin
SYMBOL
A
B
C
D
E
F
G
H
J
K
L
M
N
O
P
Q
R
R1
S
MIN
6.477
5.004
0.686
7.417
9.703
0.635
4.521
&1.52
2.184
0.762
1.016
5.969
1.016
0
0.534
0.428
MAX
6.731
5.207
0.838
8.179
10.084
0.889
4.623
&1.62
2.388
0.864
1.118
6.223
1.118
0.102
0.686
0.588
NOTE: ALL MEASUREMENTS
ARE IN MILLIMETERS.
A
B
C
D
F
G
H
45
8
K
M
Q
7
8
N
P
R
S
R1
L
C
E
J
L
O
R0.31 TYP
R0.51 TYP
2.286 BSC


Similar Part No. - IRU1030CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1030-33 IRF-IRU1030-33 Datasheet
77Kb / 4P
    3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33CD IRF-IRU1030-33CD Datasheet
77Kb / 4P
    3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33CM IRF-IRU1030-33CM Datasheet
77Kb / 4P
    3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33CP IRF-IRU1030-33CP Datasheet
77Kb / 4P
    3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33CT IRF-IRU1030-33CT Datasheet
77Kb / 4P
    3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results

Similar Description - IRU1030CM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085 Datasheet
59Kb / 7P
   3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1085 LINER-RH1085_15 Datasheet
83Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
logo
Vishay Siliconix
GS1085 VISHAY-GS1085 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
logo
Linear Technology
RH1085 LINER-RH1085 Datasheet
64Kb / 4P
   3A Low Dropout Positive Adjustable Regulator
logo
E-Tech Electronics LTD
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1085 A-POWER-APE1085 Datasheet
209Kb / 10P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GE1085 GTM-GE1085 Datasheet
229Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 GTM-GU1085 Datasheet
258Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com