Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2817-SM Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA2817-SM
Description  S-Band 60 W GaN Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2817-SM Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA2817-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Datasheet: Rev - A 03-11-15
- 4 of 13 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
TGA2817-SM
S-Band 60 W GaN Power Amplifier
Typical Performance
Test conditions unless otherwise noted: Temp. = 25 °C
0
5
10
15
20
25
30
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
Frequency (GHz)
Gain vs. Freq. vs. Temp.
-40C
+25C
+85C
V
D = 28 V
I
DQ = 200 mA
5
7
9
11
13
15
17
19
21
23
25
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
Frequency (GHz)
Gain vs. Frequency vs. V
D
24 V
26 V
28 V
30 V
I
DQ = 200 mA, T = 25
°
C
-30
-25
-20
-15
-10
-5
0
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
Frequency (GHz)
Input RL vs. Freq. vs. Temp.
-40C
+25C
+85C
V
D = 28 V, IDQ = 200 mA
-30
-25
-20
-15
-10
-5
0
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
Frequency (GHz)
Input RL vs. Frequency vs. V
D
24 V
26 V
28 V
30 V
I
DQ = 200 mA, T = 25
°
C
-30
-25
-20
-15
-10
-5
0
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
Frequency (GHz)
Output RL vs. Freq. vs. Temp.
-40C
+25C
+85C
V
D = 28 V, IDQ = 200 mA
-30
-25
-20
-15
-10
-5
0
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
Frequency (GHz)
Output RL vs. Frequency vs. V
D
24 V
26 V
28 V
30 V
I
DQ = 200 mA, T = 25
°
C


Similar Part No. - TGA2817-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2817-SM-EVB QORVO-TGA2817-SM-EVB Datasheet
527Kb / 13P
   S-Band 60 W GaN Power Amplifier
More results

Similar Description - TGA2817-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2817-SM QORVO-TGA2817-SM Datasheet
527Kb / 13P
   S-Band 60 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2818-SM TRIQUINT-TGA2818-SM_15 Datasheet
636Kb / 14P
   S-Band 30 W GaN Power Amplifier
TGA2818 TRIQUINT-TGA2818_15 Datasheet
645Kb / 15P
   S-Band 30 W GaN Power Amplifier
logo
Qorvo, Inc
QPA3055P QORVO-QPA3055P Datasheet
821Kb / 26P
   100 W S-Band GaN Power Amplifier
logo
TriQuint Semiconductor
QPB1500 TRIQUINT-QPB1500 Datasheet
1Mb / 14P
   Ku-Band 25 W GaN Power Amplifier
logo
Qorvo, Inc
TGM2635-CP QORVO-TGM2635-CP Datasheet
974Kb / 14P
   X-Band 100 W GaN Power Amplifier
September 2018
logo
TriQuint Semiconductor
TGM2635-CP TRIQUINT-TGM2635-CP Datasheet
1Mb / 14P
   X-Band 100 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2238 QORVO-TGA2238 Datasheet
756Kb / 12P
   8 ??11 GHz 60 W GaN Power Amplifier
QPA1027 QORVO-QPA1027 Datasheet
790Kb / 23P
   2.8 ??3.5 GHz 60 W GaN Power Amplifier
logo
M/A-COM Technology Solu...
MAPG-002729-350L00 MA-COM-MAPG-002729-350L00 Datasheet
1,012Kb / 7P
   S-Band 350 W Radar Pulsed Power GaN Pallet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com