Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2817-SM Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA2817-SM
Description  S-Band 60 W GaN Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2817-SM Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA2817-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2817-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Datasheet: Rev - A 03-11-15
- 3 of 13 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
TGA2817-SM
S-Band 60 W GaN Power Amplifier
Specifications
Thermal and Reliability Information
Parameter
Conditions
Value
Units
Thermal Resistance (θJC) (1)
TBASE = 85°C, VD = 28 V, ID = 200 mA
(quiescent DC, small signal), PDISS = 6.4 W
1.094
ºC/W
Channel Temperature (TCH)
92.0
°C
Median Lifetime (TM)
2.90E+12
Hrs
Thermal Resistance (θJC) (1)
TBASE = 85°C, VD = 28 V, ID = 4.5 A, PIN =
24 dBm, POUT = 48.5 dBm, PW = 100 us,
DC = 10%, PDISS = 53 W
0.698
ºC/W
Channel Temperature (TCH)
122.0
°C
Median Lifetime (TM)
4.79E+10
Hrs
Thermal Resistance (θJC) (1)
TBASE = 85°C, VD = 32 V, ID = 5.1 A, PIN =
24 dBm, POUT = 49.4 dBm, PW = 100 us,
DC = 10%, PDISS = 74 W
0.716
ºC/W
Channel Temperature (TCH)
138.0
°C
Median Lifetime (TM)
6.85E+09
Hrs
Median Lifetime
Test Conditions: 40 V
Failure Criterion = 10% reduction in ID MAX
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
1E+13
1E+14
1E+15
1E+16
1E+17
1E+18
25
50
75
100
125
150
175
200
225
250
275
Channel Temperature, TCH (°C)
Median Lifetime vs. Channel Temperature
FET13
0
10
20
30
40
50
60
70
80
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
Frequency (GHz)
TGA2817-SM Pdiss vs. Frequency
24V 100us 10% 25C
28V 100us 10% 25C
30V 100us 10% 25C
32V 100us 10% 25C
0
20
40
60
80
100
120
120 130 140 150 160 170 180 190 200 210 220 230
Channel Temperature (°C)
TGA2817-SM Ig_max vs. TCH vs. Stage
Stage 1
Stage 2


Similar Part No. - TGA2817-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2817-SM-EVB QORVO-TGA2817-SM-EVB Datasheet
527Kb / 13P
   S-Band 60 W GaN Power Amplifier
More results

Similar Description - TGA2817-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2817-SM QORVO-TGA2817-SM Datasheet
527Kb / 13P
   S-Band 60 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2818-SM TRIQUINT-TGA2818-SM_15 Datasheet
636Kb / 14P
   S-Band 30 W GaN Power Amplifier
TGA2818 TRIQUINT-TGA2818_15 Datasheet
645Kb / 15P
   S-Band 30 W GaN Power Amplifier
logo
Qorvo, Inc
QPA3055P QORVO-QPA3055P Datasheet
821Kb / 26P
   100 W S-Band GaN Power Amplifier
logo
TriQuint Semiconductor
QPB1500 TRIQUINT-QPB1500 Datasheet
1Mb / 14P
   Ku-Band 25 W GaN Power Amplifier
logo
Qorvo, Inc
TGM2635-CP QORVO-TGM2635-CP Datasheet
974Kb / 14P
   X-Band 100 W GaN Power Amplifier
September 2018
logo
TriQuint Semiconductor
TGM2635-CP TRIQUINT-TGM2635-CP Datasheet
1Mb / 14P
   X-Band 100 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2238 QORVO-TGA2238 Datasheet
756Kb / 12P
   8 ??11 GHz 60 W GaN Power Amplifier
QPA1027 QORVO-QPA1027 Datasheet
790Kb / 23P
   2.8 ??3.5 GHz 60 W GaN Power Amplifier
logo
M/A-COM Technology Solu...
MAPG-002729-350L00 MA-COM-MAPG-002729-350L00 Datasheet
1,012Kb / 7P
   S-Band 350 W Radar Pulsed Power GaN Pallet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com