Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2700 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA2700
Description  X Band Driver Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2700 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA2700 Datasheet HTML 6Page - TriQuint Semiconductor TGA2700 Datasheet HTML 7Page - TriQuint Semiconductor TGA2700 Datasheet HTML 8Page - TriQuint Semiconductor TGA2700 Datasheet HTML 9Page - TriQuint Semiconductor TGA2700 Datasheet HTML 10Page - TriQuint Semiconductor TGA2700 Datasheet HTML 11Page - TriQuint Semiconductor TGA2700 Datasheet HTML 12Page - TriQuint Semiconductor TGA2700 Datasheet HTML 13Page - TriQuint Semiconductor TGA2700 Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
TGA2700
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Typical Fixtured Performance
Bias Conditions: Vd = 9V, Idq = 225mA


Similar Part No. - TGA2700

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2700 TRIQUINT-TGA2700 Datasheet
223Kb / 15P
   X-Band Driver Amplifier
logo
Qorvo, Inc
TGA2700 QORVO-TGA2700 Datasheet
467Kb / 16P
   X ??Band Driver Amplifier
TGA2700EVB QORVO-TGA2700EVB Datasheet
467Kb / 16P
   X ??Band Driver Amplifier
More results

Similar Description - TGA2700

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2700 QORVO-TGA2700 Datasheet
467Kb / 16P
   X ??Band Driver Amplifier
logo
United Monolithic Semic...
CHA5010B UMS-CHA5010B Datasheet
54Kb / 4P
   X Band Driver Amplifier
CHA5012 UMS-CHA5012_15 Datasheet
526Kb / 10P
   X Band Driver Amplifier
CHA5012 UMS-CHA5012 Datasheet
715Kb / 8P
   X Band Driver Amplifier
logo
TriQuint Semiconductor
TGA2700 TRIQUINT-TGA2700 Datasheet
223Kb / 15P
   X-Band Driver Amplifier
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012_10 Datasheet
514Kb / 10P
   X Band Driver Amplifier
CHA5014-99F UMS-CHA5014-99F_15 Datasheet
591Kb / 8P
   X Band HBT Driver Amplifier
logo
HBH Microwave GmbH
HA5002 HBH-HA5002 Datasheet
17Kb / 1P
   X-Band Amplifier
logo
TriQuint Semiconductor
TGA4512-SM TRIQUINT-TGA4512-SM_15 Datasheet
670Kb / 13P
   Ka-Band Driver Amplifier
TGA4042-EPU TRIQUINT-TGA4042-EPU Datasheet
321Kb / 10P
   Q-Band Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com