Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT3962NE Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3962NE
Description  N-Channel Enhancement Mode MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3962NE Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT3962NE_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3962NE_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
STT3962NE
2.3A , 60V , RDS(ON) 0.153 Ω
N-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
4-Aug-2011 Rev. A
Page 2 of 2
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Gate-Threshold Voltage
VGS(th)
1
-
-
V
VDS=VGS, ID=250uA
Gate-Body Leakage Current
IGSS
-
-
100
uA
VDS=0, VGS=20V
Zero Gate Voltage Drain Current
IDSS
-
-
1
uA
VDS=48V, VGS=0
-
-
10
VDS=48V, VGS=0, TJ=55°C
On-State Drain Current
1
ID(on)
5
-
-
A
VDS =5V, VGS=10V
Drain-Source On-Resistance
1
RDS(ON)
-
-
0.153
VGS=10V, ID=2.3A
-
-
0.185
VGS=4.5V, ID=2.1A
Forward Transconductance
1
gfs
-
10
-
S
VDS=5V, ID=2.3A
Diode Forward Voltage
1
VSD
-
0.8
-
V
IS=1.05A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
3
-
nC
VDS=15V,
VGS=4.5V,
ID=2.3A
Gate-Source Charge
Qgs
-
0.6
-
Gate-Drain Charge
Qgd
-
1
-
Turn-on Delay Time
Td(on)
-
5
-
nS
VDD=15V,
VGS=4.5V,
RGEN=15 ,
ID=1A
Rise Time
Tr
-
12
-
Turn-off Delay Time
Td(off)
-
13
-
Fall Time
Tf
-
7
-
Notes:
1.
Pulse test: PW ≦ 300us duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.


Similar Part No. - STT3962NE_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT3962NE SECOS-STT3962NE Datasheet
104Kb / 2P
   2.3A , 60V , RDS(ON) 0.153 N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STT3962NE VBSEMI-STT3962NE Datasheet
519Kb / 9P
   Dual N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STT3962NE_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com