Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT3921P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3921P
Description  P-Channel Enhancement Mode MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3921P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT3921P_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3921P_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Elektronische Bauelemente
STT3921P
-2.5A , -20V , RDS(ON) 130mΩ
P-Channel Enhancement Mode MOSFET
25-Nov-2013 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize a high
cell density trench process to provide low RDS(on) and to
ensure minimal power loss and heat dissipation.
FEATURES
Low RDS(on) provides higher efficiency and extends
battery life
Low thermal impedance copper leadframe TSOP-6
saves board space
Fast switching speed
High performance trench technology
APPLICATION
DC-DC converters and power management in portable
and battery-powered products such as computers, printers,
PCMCIA cards, cellular and cordless telephones.
PACKAGE INFORMATION
Package
MPQ
Leader Size
TSOP-6
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
TA=25°C
-2.5
Continuous Drain Current
1
TA=70°C
ID
-1.9
A
Pulsed Drain Current
2
IDM
-10
A
Continuous Source Current (Diode Conduction)
1
IS
-1.6
A
TA=25°C
1.15
Power Dissipation
1
TA=70°C
PD
0.7
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
t ≦ 10 sec
110
Maximum Junction to Ambient
1
Steady State
RθJA
150
°C / W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D
1.10 MAX.
K
10°
E
1.90 REF.
L
0.95 REF.
F
0.30
0.50
TSOP-6
B
L
F
H
C
J
D G
K
A
E
1
2
3
4
5
6
Top View


Similar Part No. - STT3921P_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT3921P SECOS-STT3921P Datasheet
89Kb / 2P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STT3921P VBSEMI-STT3921P Datasheet
525Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Similar Description - STT3921P_15

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com