Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2623 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA2623
Description  10 to 11GHz 35W GaN Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2623 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA2623 Datasheet HTML 1Page - TriQuint Semiconductor TGA2623 Datasheet HTML 2Page - TriQuint Semiconductor TGA2623 Datasheet HTML 3Page - TriQuint Semiconductor TGA2623 Datasheet HTML 4Page - TriQuint Semiconductor TGA2623 Datasheet HTML 5Page - TriQuint Semiconductor TGA2623 Datasheet HTML 6Page - TriQuint Semiconductor TGA2623 Datasheet HTML 7Page - TriQuint Semiconductor TGA2623 Datasheet HTML 8Page - TriQuint Semiconductor TGA2623 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TGA2623
10
– 11GHz 35W GaN Power Amplifier
Preliminary Datasheet: Rev - 11-03-14
- 3 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (
θJC) (1)
Tbase = 85°C, Pulsed VD: PW = 100us, DC = 10%
1.14
ºC/W
Channel Temperature (TCH) (Under RF drive) Tbase = 85°C, VD = 28V, ID_Drive = 3A,
PIN =22dBm, POUT = 45.3dBm, PDISS = 51W
143
°C
Median Lifetime (TM)
3.85 x 10^10
Hrs
Thermal Resistance (
θJC) (1)
Tbase = 85°C, CW
1.97
ºC/W
Channel Temperature (TCH) (Under RF drive) Tbase = 85°C, VD = 28V, ID_Drive = 2.94A,
PIN = 22dBm, POUT = 44.9dBm, PDISS = 52W
187
°C
Median Lifetime (TM)
4.12 x 10^7
Hrs
Notes:
1.
Thermal resistance measured to back of carrier plate. MMIC mounted on 40 mils CuM0 (80/20) carrier using 1.5 mil AuSn.
Median Lifetime
Test Conditions: VD = 40 V; Failure Criteria = 10% reduction in ID_MAX
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
1E+13
1E+14
1E+15
1E+16
1E+17
1E+18
25
50
75
100
125
150
175
200
225
250
275
Channel Temperature, TCH (C)
Median Lifetime vs. Channel Temperature
FET13


Similar Part No. - TGA2623

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2623 QORVO-TGA2623 Datasheet
580Kb / 14P
   10 ??11GHz 35W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2623-CP TRIQUINT-TGA2623-CP Datasheet
617Kb / 15P
   10 to 11 GHz 32 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2623-CP QORVO-TGA2623-CP Datasheet
770Kb / 16P
   10 ??11 GHz 32 W GaN Power Amplifier
TGA2623-CPEVB QORVO-TGA2623-CPEVB Datasheet
770Kb / 16P
   10 ??11 GHz 32 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2623-CP TRIQUINT-TGA2623-CP_15 Datasheet
617Kb / 15P
   10 to 11 GHz 32 W GaN Power Amplifier
More results

Similar Description - TGA2623

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2623 QORVO-TGA2623 Datasheet
580Kb / 14P
   10 ??11GHz 35W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2625 TRIQUINT-TGA2625_15 Datasheet
615Kb / 14P
   10 to 11GHz 20W GaN Power Amplifier
logo
RF Micro Devices
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
   35W GaN Wide-Band Power Amplifier
RFHA3942D RFMD-RFHA3942D Datasheet
1Mb / 9P
   35W Linear GaN on SiC Power Amplifier Die
logo
United Monolithic Semic...
CHA4250-QDG UMS-CHA4250-QDG_15 Datasheet
578Kb / 14P
   5.5-11GHz Medium Power Amplifier
logo
List of Unclassifed Man...
STK4863 ETC-STK4863 Datasheet
125Kb / 2P
   2CHANNEL 35W POWER AMPLIFIER
logo
Microchip Technology
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
   7.9-11GHz 12W GaN PA MMIC
Rev E
logo
Tyco Electronics
MAAM71100 MACOM-MAAM71100 Datasheet
203Kb / 2P
   GaAs MMIC Power Amplifier 7-11GHz
logo
TriQuint Semiconductor
TGA2622-CP TRIQUINT-TGA2622-CP_15 Datasheet
611Kb / 15P
   9 to 10 GHz 35 W GaN Power Amplifier
TGA2624-CP TRIQUINT-TGA2624-CP_15 Datasheet
495Kb / 15P
   9 to 10 GHz, 16 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com