Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT3471P Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3471P
Description  P-Channel Enhancement Mode MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3471P Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT3471P_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3471P_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STT3471P
-2A, -100V, RDS(ON) 350 m
P-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
08-Apr-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
Gate-Threshold Voltage
VGS(th)
-1
-
-
V
VDS= VGS, ID= -250μA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS=0, VGS= ±20V
Zero Gate Voltage Drain Current
IDSS
-
-
-1
μA
VDS= -80V, VGS=0
-
-
-10
VDS= -80V, VGS=0, TJ= 55°C
On-State Drain Current
1
ID(on)
-20
-
-
A
VDS = -5V, VGS= -10V
Drain-Source On-Resistance
1
RDS(ON)
-
-
350
mΩ
VGS= -10V, ID= -1.4A
-
-
450
VGS= -4.5V, ID= -1.2A
Forward Transconductance
1
gfs
-
2.8
-
S
VDS= -15V, ID= -1.4A
Diode Forward Voltage
VSD
-
-
-1
V
IS= -1.4A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
6
-
nC
VDS= -30V,
VGS= -4.5V,
ID= -1.4A
Gate-Source Charge
Qgs
-
10
-
Gate-Drain Charge
Qgd
-
3
-
Turn-on Delay Time
Td(on)
-
3
-
nS
VDD= -30V,
VGEN= -10V,
RL=30Ω,
ID= -1A,
RG= 6Ω
Rise Time
Tr
-
3
-
Turn-off Delay Time
Td(off)
-
13
-
Fall Time
Tf
-
7
-
Notes:
1.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.


Similar Part No. - STT3471P_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT3471P SECOS-STT3471P Datasheet
169Kb / 2P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STT3471P VBSEMI-STT3471P Datasheet
512Kb / 9P
   P-Channel 100-V (D-S) MOSFET
More results

Similar Description - STT3471P_15

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com