Electronic Components Datasheet Search |
|
STT3463P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
STT3463P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 4 page Elektronische Bauelemente STT3463P -2.7 A, -60 V, RDS(ON) 180 m P-Channel Enhancement Mode MOSFET 01-Oct-2013 Rev. B Page 1 of 4 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. RoHS Compliant Product A suffix of “-C” specifies halogen and lead-free DESCRIPTION These miniature surface mount MOSFETs utilize a high cell density process. Low RDS(on) assures minimal power loss and conserves energy, making this device ideal for use in power management circuitry. FEATURES Low RDS(on) provides higher efficiency and extends battery life. Miniature TSOP-6 surface mount package saves board space. High power and current handling capability. Extended VGS range (±25) for battery pack applications. APPLICATION PWMDC-DC converters, power management in portable and battery-powered products such as computers, printers, battery charger, telecommunication power system, and telephones power system. PACKAGE INFORMATION Package MPQ Leader Size TSOP-6 3K 7’ inch ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified) Parameter Symbol Ratings Unit Drain-Source Voltage VDS -60 V Gate-Source Voltage VGS ±20 V TA= 25°C -2.7 Continuous Drain Current 1 TA= 70°C ID -2.2 A Pulsed Drain Current 2 IDM -15 A Continuous Source Current (Diode Conduction) 1 IS -2.5 A TA= 25°C 2.0 Power Dissipation 1 TA= 70°C PD 1.3 W Operating Junction and Storage Temperature Range Tj, Tstg -55 ~ 150 °C Thermal Resistance Ratings t ≦ 10 sec 62.5 Maximum Junction to Ambient 1 Steady State RJA 110 °C / W Notes: 1. Surface Mounted on 1” x 1” FR4 Board. 2. Pulse width limited by maximum junction temperature. D G DD D S Millimeter Millimeter REF. Min. Max. REF. Min. Max. A 2.70 3.10 G 0 0.10 B 2.60 3.00 H 0.60 REF. C 1.40 1.80 J 0.12 REF. D1.10 MAX. K 0° 10° E 1.90 REF. L 0.95 REF. F 0.30 0.50 TSOP-6 B L F H C J D G K A E 1 23 4 5 6 |
Similar Part No. - STT3463P_15 |
|
Similar Description - STT3463P_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |