Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2613-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA2613-SM
Description  S-Band High Linearity LNA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2613-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA2613-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA2613-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA2613-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2613-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2613-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2613-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2613-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2613-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2613-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TGA2613-SM
S-Band High Linearity LNA
Preliminary Datasheet: Rev - 06-25-14
- 1 of 12 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
QFN 5x5 mm 24L
Applications
 Commercial and Military Radar
 Communications
Ordering Information
Part
ECCN
Description
TGA2613-SM
EAR99
S-Band High Linearity LNA
General Description
TriQuint
’s TGA2613-SM is a balanced S-Band high
linearity
Low
Noise
Amplifier.
The
balanced
configuration supports low return loss and improves
robustness into non-ideal loads.
The TGA2613-SM
operates from 2.5 to 4GHz and is designed using
TriQuint’s proven 0.15um pHEMT production process.
The TGA2613-SM typically provides 2.5dB noise figure,
29dBm ITOI, greater than 28.5dBm P1dB, and 12dB
small signal gain.
The TGA2613-SM is available in a low cost, surface
mount, 24-lead 5x5mm QFN. It is ideally suited to
support for both radar and communication applications.
Both RF ports have intergraded DC blocking caps and
are fully matched to 50
Ω for simple system integration.
Lead-free and RoHS compliant
Evaluation Boards are available upon request.
Product Features
 Frequency Range: 2.5 – 4.0GHz
 NF: 2.5dB
 ITOI: 29dBm
 P1dB: >28.5dBm
 Small Signal Gain: 12dB
 Return Loss: >12dB
 Bias: V
D = 6V, IDQ = 320mA, VG = -0.7V
 Balance Topology
 Package Dimensions: 5 x 5 x 0.85mm
Pad Configuration
Pad No.
Symbol
1
RF In
2 - 8, 10, 12, 14 - 19,
21, 23 - 24
N/C
9, 22
VG
11, 20
VD
13
RF Out
Functional Block Diagram


Similar Part No. - TGA2613-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2611 TRIQUINT-TGA2611 Datasheet
427Kb / 12P
   2-6 GHz GaN LNA
TGA2611 TRIQUINT-TGA2611 Datasheet
406Kb / 12P
   2 to 6 GHz GaN LNA
TGA2611-SM TRIQUINT-TGA2611-SM Datasheet
600Kb / 14P
   2 6 GHz GaN LNA
logo
Qorvo, Inc
TGA2611-SM QORVO-TGA2611-SM Datasheet
1Mb / 13P
   2 ??6 GHz GaN LNA
June 2020
logo
TriQuint Semiconductor
TGA2611-SM TRIQUINT-TGA2611-SM_15 Datasheet
600Kb / 14P
   2 6 GHz GaN LNA
More results

Similar Description - TGA2613-SM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
Maxim Integrated Produc...
MAX2320 MAXIM-MAX2320 Datasheet
526Kb / 28P
   Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
19-1535; Rev 1; 6/00
logo
Advanced Semiconductor ...
ASL41S9 ASB-ASL41S9_17 Datasheet
510Kb / 11P
   High Linearity LNA MMIC
January 2017
logo
Qorvo, Inc
QPL6216Q QORVO-QPL6216Q Datasheet
542Kb / 7P
   High-Linearity SDARS LNA
logo
Advanced Semiconductor ...
ASL19C ASB-ASL19C_17 Datasheet
882Kb / 10P
   High Linearity LNA MMIC
April 2017
ASL29W ASB-ASL29W_17 Datasheet
838Kb / 12P
   High Linearity LNA MMIC
April 2017
logo
Qorvo, Inc
QPL6208Q QORVO-QPL6208Q Datasheet
287Kb / 7P
   High-Linearity SDARS LNA
logo
TriQuint Semiconductor
QPL6207 TRIQUINT-QPL6207 Datasheet
577Kb / 7P
   High-Linearity SDARS LNA
logo
Advanced Semiconductor ...
ASL09C ASB-ASL09C_17 Datasheet
861Kb / 10P
   High Linearity LNA MMIC
April 2017
ASL210 ASB-ASL210_17 Datasheet
460Kb / 10P
   High Linearity LNA MMIC
April 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com