Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2611 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA2611
Description  2 to 6 GHz GaN LNA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2611 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGA2611 Datasheet HTML 4Page - TriQuint Semiconductor TGA2611 Datasheet HTML 5Page - TriQuint Semiconductor TGA2611 Datasheet HTML 6Page - TriQuint Semiconductor TGA2611 Datasheet HTML 7Page - TriQuint Semiconductor TGA2611 Datasheet HTML 8Page - TriQuint Semiconductor TGA2611 Datasheet HTML 9Page - TriQuint Semiconductor TGA2611 Datasheet HTML 10Page - TriQuint Semiconductor TGA2611 Datasheet HTML 11Page - TriQuint Semiconductor TGA2611 Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TGA2611
2-6 GHz GaN LNA
Preliminary Datasheet: Rev - 01-29-15
- 8 of 12 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Application Circuit
Bias-up Procedure
1. Set ID limit to 175mA, IG limit to 1mA
2. Apply -5V to VG for pinch off
3. Apply +10V to VD
4. Adjust VG more positive until IDQ = 110mA (VG ~ -2.3
V Typical)
5. Apply RF signal
Bias-down Procedure
1. Turn off RF signal
2. Reduce VG to -5V. Ensure IDQ ~ 0mA
3. Set VD to 0V
4. Turn off VD supply
5. Turn off VG supply
VD = 10 V,
IDQ = 110 mA
C10
0.01 uF
VG = -2.3 V
Typical
R8
4 Ohm
C12
0.01 uF
C8
1 uF
J1
RF In
J2
RF Out
1
2
4
3


Similar Part No. - TGA2611

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2611 TRIQUINT-TGA2611 Datasheet
427Kb / 12P
   2-6 GHz GaN LNA
TGA2611-SM TRIQUINT-TGA2611-SM Datasheet
600Kb / 14P
   2 6 GHz GaN LNA
logo
Qorvo, Inc
TGA2611-SM QORVO-TGA2611-SM Datasheet
1Mb / 13P
   2 ??6 GHz GaN LNA
June 2020
logo
TriQuint Semiconductor
TGA2611-SM TRIQUINT-TGA2611-SM_15 Datasheet
600Kb / 14P
   2 6 GHz GaN LNA
More results

Similar Description - TGA2611

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2611 TRIQUINT-TGA2611 Datasheet
427Kb / 12P
   2-6 GHz GaN LNA
TGA2611-SM TRIQUINT-TGA2611-SM_15 Datasheet
600Kb / 14P
   2 6 GHz GaN LNA
logo
Qorvo, Inc
TGA2611-SM QORVO-TGA2611-SM Datasheet
1Mb / 13P
   2 ??6 GHz GaN LNA
June 2020
logo
TriQuint Semiconductor
TGA2612 TRIQUINT-TGA2612_15 Datasheet
526Kb / 12P
   6 to 12 GHz GaN LNA
TGA2612-SM TRIQUINT-TGA2612-SM_15 Datasheet
609Kb / 14P
   6 to 12 GHz GaN LNA
TGA2578-CP TRIQUINT-TGA2578-CP_15 Datasheet
601Kb / 12P
   2 to 6 GHz, 30W GaN Power Amplifier
QPL1002 TRIQUINT-QPL1002 Datasheet
2Mb / 14P
   0.03 ??3 GHz GaN LNA
logo
Qorvo, Inc
QPL1002 QORVO-QPL1002 Datasheet
2Mb / 14P
   0.03 ??3 GHz GaN LNA
June 26, 2017
logo
TriQuint Semiconductor
TGA2597 TRIQUINT-TGA2597_15 Datasheet
901Kb / 14P
   2 6 GHz GaN Driver Amplifier
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
   2 6 GHz GaN Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com