Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2597 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA2597
Description  2 6 GHz GaN Driver Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2597 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGA2597_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2597_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2597_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2597_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2597_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2597_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2597_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA2597_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA2597_15 Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TGA2597
2-6 GHz GaN Driver Amplifier
Datasheet: Rev - 10-03-14
- 8 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance – Large Signal, Harmonics
Test conditions unless otherwise noted: 25 °C, VD = 25 V, IDQ = 40 mA, VG = -2.5 V typ., die mounted to EVB
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
12
14
16
18
20
Input Power (dBm)
Output Power vs. Input Power vs. Temp.
- 40 C
+25 C
+85 C
V
D = 25 V, IDQ = 40 mA, Freq. = 6.0 GHz
0
5
10
15
20
25
30
35
40
45
50
0
2
4
6
8
10
12
14
16
18
20
Input Power (dBm)
PAE vs. Input Power vs. Temp.
- 40 C
+25 C
+85 C
V
D = 25 V, IDQ = 40 mA, Freq. = 6.0 GHz
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
14
16
18
20
Input Power (dBm)
Power Gain vs. Input Power vs. Temp.
- 40 C
+25 C
+85 C
V
D = 25 V, IDQ = 40 mA, Freq. = 6.0 GHz
-80
-70
-60
-50
-40
-30
-20
-10
0
5
10
15
20
25
30
35
Output Power (dBm)
2nd Harmonic vs. POUT vs. Freq.
2 GHz
4 GHz
6 GHz
V
D = 25 V, IDQ = 40 mA, Temp =
25 C
-80
-70
-60
-50
-40
-30
-20
-10
0
5
10
15
20
25
30
35
Output Power (dBm)
3rd Harmonic vs. POUT vs. Freq.
2 GHz
4 GHz
6 GHz
V
D = 25 V, IDQ = 40 mA, Temp =
25 C


Similar Part No. - TGA2597_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2597-SM TRIQUINT-TGA2597-SM Datasheet
1Mb / 16P
   2 6 GHz GaN Driver Amplifier
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
   2 6 GHz GaN Driver Amplifier
More results

Similar Description - TGA2597_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
   2 6 GHz GaN Driver Amplifier
logo
Qorvo, Inc
QPB0220J QORVO-QPB0220J Datasheet
525Kb / 17P
   2 – 18 GHz GaN Driver Amplifier
April 2022
logo
TriQuint Semiconductor
TGA2627-SM TRIQUINT-TGA2627-SM_15 Datasheet
1Mb / 16P
   6 to 12 GHz GaN Driver Amplifier
logo
Qorvo, Inc
TGA2598 QORVO-TGA2598 Datasheet
457Kb / 13P
   6 ??12 GHz 2W GaN Driver Amplifier
December 2020
CMD231 QORVO-CMD231 Datasheet
233Kb / 12P
   2-6 GHz Driver Amplifier
CMD231C3 QORVO-CMD231C3 Datasheet
261Kb / 12P
   2-6 GHz Driver Amplifier
logo
Custom MMIC Design Serv...
CMD231 MMIC-CMD231 Datasheet
233Kb / 12P
   2-6 GHz Driver Amplifier
CMD231C3 MMIC-CMD231C3 Datasheet
261Kb / 12P
   2-6 GHz Driver Amplifier
logo
Qorvo, Inc
QPA2598 QORVO-QPA2598 Datasheet
1Mb / 17P
   6 – 12 GHz 2.5 W GaN Driver Amplifier
March 2021
logo
TriQuint Semiconductor
TGA2598-SM TRIQUINT-TGA2598-SM_15 Datasheet
757Kb / 14P
   6 to 12 GHz 2W GaN Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com