Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2585 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA2585
Description  2.7 to 3.7GHz 18W GaN Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2585 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA2585_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2585_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2585_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2585_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2585_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2585_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2585_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2585_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2585_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TGA2585
2.7
– 3.7GHz 18W GaN Power Amplifier
Preliminary Datasheet: Rev A 05-12-14
- 2 of 15 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Value
Drain Voltage (VD)
40V
Gate Voltage Range (VG)
-8 to 0V
Drain Current (ID1)
285mA
Drain Current (ID2)
1250mA
Gate Current (IG1)
-1.4 to 2.8mA
Gate Current (IG2)
-4.0 to 8.4mA
Power Dissipation (PDISS), 85°C
35W
Input Power (PIN), CW, 50 Ω, 85°C,
30dBm
Input Power (PIN), CW, VSWR 10:1,
VD = 28V, 85°C
23dBm
Channel Temperature (TCH)
275°C
Mounting Temperature
(30 Seconds)
320°C
Storage Temperature
-55 to 150°C
Operation of this device outside the parameter ranges
given above may cause permanent damage. These are
stress ratings only, and functional operation of the device at
these conditions is not implied.
Recommended Operating Conditions
Parameter
Value
Drain Voltage (VD)
28V
Drain Current (IDQ)
225mA (Total)
Gate Voltage (VG)
-2.5V (Typ.)
Electrical specifications are measured at specified test conditions.
Specifications
are
not
guaranteed
over
all
recommended
operating conditions.
Electrical Specifications
Test conditions unless otherwise noted: 25
0C, V
D = 28V, IDQ = 225mA, VG = -2.5V Typical, Pulsed VD : PP = 1ms, DC = 10%
Parameter
Min
Typical
Max
Units
Operational Frequency Range
2.7
3.7
GHz
Small Signal Gain
33
dB
Input Return Loss
>15
dB
Output Return Loss
>12
dB
Output Power (Pin = 18dBm)
42.8
dBm
Power Added Efficiency (Pin = 18dBm)
52
%
IM3 @ 25V, POUT/tone = 30dBm
-35
dBc
IM5 @ 25V, POUT/tone = 30dBm
-45
dBc
Small Signal Gain Temperature Coefficient
-0.05
dB/°C
Output Power Temperature Coefficient
-0.005
dBm/°C
Recommended Operating Voltage:
28
32
V


Similar Part No. - TGA2585_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2585-SM TRIQUINT-TGA2585-SM Datasheet
1Mb / 13P
   2.7 to 3.7GHz, 18W GaN Power Amplifier
More results

Similar Description - TGA2585_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2585-SM TRIQUINT-TGA2585-SM Datasheet
1Mb / 13P
   2.7 to 3.7GHz, 18W GaN Power Amplifier
TGA2583-SM TRIQUINT-TGA2583-SM_15 Datasheet
772Kb / 13P
   2.7 to 3.7GHz, 10W GaN Power Amplifier
TGA2583 TRIQUINT-TGA2583_15 Datasheet
598Kb / 15P
   2.7 3.7GHz 10W GaN Power Amplifier
TGA2624 TRIQUINT-TGA2624_15 Datasheet
619Kb / 14P
   9 to 10GHz 18W GaN Power Amplifier
logo
Qorvo, Inc
TGA2830-SM QORVO-TGA2830-SM Datasheet
1Mb / 18P
   2.7 to 3.5 GHz, 18 W GaN Power Amplifier
TGA2583-SM QORVO-TGA2583-SM Datasheet
798Kb / 13P
   2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
TGA2975-SM QORVO-TGA2975-SM Datasheet
537Kb / 18P
   2.7 to 3.5 GHz, 12 W GaN Power Amplifier
QPA3069 QORVO-QPA3069 Datasheet
778Kb / 19P
   2.7 ??3.5 GHz 100 W GaN Power Amplifier
logo
Analog Devices
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
   46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
logo
Cree, Inc
CMPA2735075D CREE-CMPA2735075D Datasheet
394Kb / 7P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com