Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2583-SM Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA2583-SM
Description  2.7 to 3.7GHz, 10W GaN Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2583-SM Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGA2583-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2583-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2583-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2583-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2583-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2583-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA2583-SM Datasheet HTML 10Page - TriQuint Semiconductor TGA2583-SM Datasheet HTML 11Page - TriQuint Semiconductor TGA2583-SM Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TGA2583-SM
2.7 to 3.7GHz, 10W GaN Power Amplifier
Preliminary Datasheet: Rev-A 02-20-15
- 8 of 13 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Applications Information
Notes:
1. Remove if pulsing on drain
Bias-up Procedure
1. Set ID limit to 1.53 A, IG limit to 8 mA
2.
Apply −5 V to VG
3. Apply +25 V to VD; ensure IDQ is approx. 0 mA
4. Adjust VG until IDQ = 175 mA (VG
~ −2.3 V Typ.).
5. Turn on RF supply
Bias-down Procedure
1. Turn off RF supply
2. Reduce VG
to −5 V; ensure IDQ is approx. 0 mA
3. Set VD to 0 V
4. Turn off VD supply
5. Turn off VG supply
RF OUT
VG
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
C2
0.01 uF
R2
15 Ohm
C4
1 uF
C1 (1)
0.01 uF
R1 (1)
15 Ohm
C3 (1)
1 uF
RF IN
VD


Similar Part No. - TGA2583-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2583-SM QORVO-TGA2583-SM Datasheet
798Kb / 13P
   2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
TGA2583-SMEVB QORVO-TGA2583-SMEVB Datasheet
798Kb / 13P
   2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
More results

Similar Description - TGA2583-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2583 TRIQUINT-TGA2583_15 Datasheet
598Kb / 15P
   2.7 3.7GHz 10W GaN Power Amplifier
TGA2585-SM TRIQUINT-TGA2585-SM Datasheet
1Mb / 13P
   2.7 to 3.7GHz, 18W GaN Power Amplifier
TGA2585 TRIQUINT-TGA2585_15 Datasheet
611Kb / 15P
   2.7 to 3.7GHz 18W GaN Power Amplifier
TGA2216-SM TRIQUINT-TGA2216-SM_15 Datasheet
831Kb / 18P
   0.1 3.0GHz 10W GaN Power Amplifier
TGA2237-SM TRIQUINT-TGA2237-SM_15 Datasheet
820Kb / 18P
   0.03 2.5GHz 10W GaN Power Amplifier
logo
RF Micro Devices
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
   10W GaN Wide-Band Power Amplifier
logo
TriQuint Semiconductor
TGA2237 TRIQUINT-TGA2237_15 Datasheet
662Kb / 16P
   0.03 2.5GHz 10W GaN Power Amplifier
QPA1013D TRIQUINT-QPA1013D Datasheet
609Kb / 15P
   6 ??18GHz 10W GaN Power Amplifier
logo
Qorvo, Inc
TGA2237 QORVO-TGA2237 Datasheet
662Kb / 16P
   0.03 ??2.5GHz 10W GaN Power Amplifier
logo
RF Micro Devices
RF3930D RFMD-RF3930D Datasheet
836Kb / 8P
   10W GaN on SiC Power Amplifier Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com