Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2583 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA2583
Description  2.7 3.7GHz 10W GaN Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2583 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA2583_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2583_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TGA2583
2.7
– 3.7GHz 10W GaN Power Amplifier
Preliminary Datasheet: Rev B 02-20-15
- 4 of 15 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance
Typical Performance (Small Signal)
16
18
20
22
24
26
28
30
32
34
36
38
40
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6 3.8
4
Frequency (GHz)
Gain vs. Frequency vs. Temperature
-40C
+25C
+85C
VD = 25 V, IDQ = 175mA
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6 3.8
4
Frequency (GHz)
Input Return Loss vs. Freq. vs. Temp.
-40C
+25C
+85C
VD = 25 V, IDQ = 175mA
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6 3.8
4
Frequency (GHz)
Output Return Loss vs. Freq. vs. Temp.
+85C
+25C
-40C
VD = 25 V, IDQ = 175mA
16
18
20
22
24
26
28
30
32
34
36
38
40
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6 3.8
4
Frequency (GHz)
Gain vs. Frequency vs. V
D/ID
28V-275mA
28V-175mA
25V-275mA
25V-175mA
Temp. = +25°C
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6 3.8
4
Frequency (GHz)
Output Return Loss vs. Freq. vs. V
D/ID
25V-175mA
25V-275mA
28V-175mA
28V-275mA
Temp. = +25°C
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6 3.8
4
Frequency (GHz)
Input Return Loss vs. Freq. vs. V
D/ID
25V-175mA
25V-275mA
28V-175mA
28V-275mA
Temp. = +25°C


Similar Part No. - TGA2583_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2583-SM TRIQUINT-TGA2583-SM Datasheet
772Kb / 13P
   2.7 to 3.7GHz, 10W GaN Power Amplifier
logo
Qorvo, Inc
TGA2583-SM QORVO-TGA2583-SM Datasheet
798Kb / 13P
   2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
TGA2583-SMEVB QORVO-TGA2583-SMEVB Datasheet
798Kb / 13P
   2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
logo
TriQuint Semiconductor
TGA2583-SM TRIQUINT-TGA2583-SM_15 Datasheet
772Kb / 13P
   2.7 to 3.7GHz, 10W GaN Power Amplifier
More results

Similar Description - TGA2583_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2583-SM TRIQUINT-TGA2583-SM_15 Datasheet
772Kb / 13P
   2.7 to 3.7GHz, 10W GaN Power Amplifier
TGA2585-SM TRIQUINT-TGA2585-SM Datasheet
1Mb / 13P
   2.7 to 3.7GHz, 18W GaN Power Amplifier
TGA2585 TRIQUINT-TGA2585_15 Datasheet
611Kb / 15P
   2.7 to 3.7GHz 18W GaN Power Amplifier
TGA2216-SM TRIQUINT-TGA2216-SM_15 Datasheet
831Kb / 18P
   0.1 3.0GHz 10W GaN Power Amplifier
TGA2237-SM TRIQUINT-TGA2237-SM_15 Datasheet
820Kb / 18P
   0.03 2.5GHz 10W GaN Power Amplifier
logo
RF Micro Devices
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
   10W GaN Wide-Band Power Amplifier
logo
TriQuint Semiconductor
TGA2237 TRIQUINT-TGA2237_15 Datasheet
662Kb / 16P
   0.03 2.5GHz 10W GaN Power Amplifier
QPA1013D TRIQUINT-QPA1013D Datasheet
609Kb / 15P
   6 ??18GHz 10W GaN Power Amplifier
logo
Qorvo, Inc
TGA2237 QORVO-TGA2237 Datasheet
662Kb / 16P
   0.03 ??2.5GHz 10W GaN Power Amplifier
logo
RF Micro Devices
RF3930D RFMD-RF3930D Datasheet
836Kb / 8P
   10W GaN on SiC Power Amplifier Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com