Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2535-SM Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA2535-SM
Description  X-Band Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2535-SM Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA2535-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2535-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2535-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2535-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2535-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2535-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA2535-SM_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA2535-SM_15 Datasheet HTML 12Page - TriQuint Semiconductor TGA2535-SM_15 Datasheet HTML 13Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TGA2535-SM
X-Band Power Amplifier
Data Sheet: Rev A 10/25/11
- 9 of 13 -
Disclaimer: Subject to change without notice
Applications Information
PC Board Layout
Top RF layer is 0.008” thick Rogers RO4003, єr = 3.38. Metal layers are 1-oz copper. Microstrip 50 Ω line detail: width =
0.0175”.
The pad pattern shown has been developed and tested for optimized assembly at TriQuint Semiconductor. The PCB land
pattern has been developed to accommodate lead and package tolerances. Since surface mount processes vary from company
to company, careful process development is recommended.
For further technical information, refer to the TGA2533-SM Product Information page.
R1
C1
R2
C2
C3
C5
C6
C4
Bill of Material
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Ref Des
Value
Description
Manufacturer
Part Number
C1, C2, C3
100 pF
Cap, 0402, 50 V, 5%, COG
various
C4, C5, C6
1 uF
Cap, 0603, 25 V, 10%, X5R
various
R1, R2
100K Ohms
Res, 0603, 0.1 W, 5%, SMD
various


Similar Part No. - TGA2535-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2535-SM QORVO-TGA2535-SM Datasheet
717Kb / 13P
   X-Band Power Amplifier
More results

Similar Description - TGA2535-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2535-SM QORVO-TGA2535-SM Datasheet
717Kb / 13P
   X-Band Power Amplifier
logo
United Monolithic Semic...
CHA7114 UMS-CHA7114 Datasheet
281Kb / 8P
   X Band High Power Amplifier
logo
Advanced Semiconductor ...
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
   X Band Power Amplifier MMIC
January 2017
logo
United Monolithic Semic...
CHA7114 UMS-CHA7114_10 Datasheet
183Kb / 8P
   X Band High Power Amplifier
CHA7215 UMS-CHA7215_15 Datasheet
209Kb / 8P
   X-band High Power Amplifier
CHA7115-99F UMS-CHA7115-99F_15 Datasheet
152Kb / 6P
   X-band High Power Amplifier
logo
Advanced Semiconductor ...
ASX0837HG ASB-ASX0837HG Datasheet
899Kb / 14P
   X Band Power Amplifier MMIC
June 2017
logo
United Monolithic Semic...
CHA7114 UMS-CHA7114_15 Datasheet
194Kb / 8P
   X Band High Power Amplifier
CHA5115-QDG UMS-CHA5115-QDG Datasheet
656Kb / 12P
   X-band Medium Power Amplifier
CHA7115-99F UMS-CHA7115-99F Datasheet
141Kb / 6P
   X-band High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com